Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5111DW Datasheet(PDF) 11 Page - Weitron Technology

Part # MUN5111DW
Description  Dual Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5111DW Datasheet(HTML) 11 Page - Weitron Technology

Back Button MUN5111DW Datasheet HTML 4Page - Weitron Technology MUN5111DW Datasheet HTML 5Page - Weitron Technology MUN5111DW Datasheet HTML 6Page - Weitron Technology MUN5111DW Datasheet HTML 7Page - Weitron Technology MUN5111DW Datasheet HTML 8Page - Weitron Technology MUN5111DW Datasheet HTML 9Page - Weitron Technology MUN5111DW Datasheet HTML 10Page - Weitron Technology MUN5111DW Datasheet HTML 11Page - Weitron Technology MUN5111DW Datasheet HTML 12Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
WEITRON
http://www.weitron.com.tw
MUN5111DW Series
MUN5111DW Series
TYPICAL ELECTRICAL CHARACTERISTICS-MUN5137DW
FIG.67 VCE(sat) versus IC
FIG.68 DC Current Gain
FIG. 69 Output Capacitance
FIG.70 Output Current versus Input Voltage
Vin , INP UT VOLTAG E (VOLTS )
V R , R E VE R S E BIAS VOLTAG E (VOLTS )
FIG.71 Input Voltage versus Output Current
IC, C OLLE C TOR C UR R E NT (mA)
IC , C OLLE C TOR C UR R E NT (mA)
1
0.1
35
30
25
20
15
10
5
0
IC , C OLLE C TOR C UR R E NT (mA)
100
10
1
100
10
0.01
1000
1.4
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.001
1
10
11
9
8
7
100
15
10
5
0
1
10
20
25
50
45
40
0.1
0.01
10
1.2
f = 1 MHz
IE = 0 V
TA = 25 C
75 C
25 C
TA = -25 C
V O = 5 V
75 C
25 C
TA = -25 C
V O = 0.2 V
75 C
25 C
TA = -25 C
IC/IB = 10
V CE = 10 V
75 C
25 C
TA = -25 C
11/12
Rev.A 20-Jan-09


Similar Part No. - MUN5111DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW ONSEMI-MUN5111DW Datasheet
172Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Weitron Technology
MUN5111DW WEITRON-MUN5111DW Datasheet
438Kb / 19P
   Dual Bias Resistor Transistor PNP Silicon
logo
Yea Shin Technology Co....
MUN5111DW YEASHIN-MUN5111DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
MUN5111DW YEASHIN-MUN5111DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5111DW1 ONSEMI-MUN5111DW1 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
More results

Similar Description - MUN5111DW

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
LMBT3906DW1T1G LRC-LMBT3906DW1T1G Datasheet
423Kb / 8P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1 ONSEMI-NSB1706DMW5T1 Datasheet
49Kb / 3P
   Dual Bias Resistor Transistor
May, 2006 ??Rev. 3
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
97Kb / 5P
   Dual Bias Resistor Transistor
April, 2012 ??Rev. 0
IMH20T1G ONSEMI-IMH20T1G Datasheet
23Kb / 4P
   Dual Bias Resistor Transistor
July, 2003 - Rev. 0
IMD10AMT1G ONSEMI-IMD10AMT1G_14 Datasheet
62Kb / 5P
   Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
IMD10AMT1G ONSEMI-IMD10AMT1G_V01 Datasheet
63Kb / 5P
   Dual Bias Resistor Transistor
May, 2017 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBT3906DW1T1 WILLAS-MMBT3906DW1T1 Datasheet
349Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1G ONSEMI-NSB1706DMW5T1G_09 Datasheet
123Kb / 3P
   Dual Bias Resistor Transistor
October, 2009 ??Rev. 4
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
   Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com