Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE125RUW48 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # ACE125RUW48
Description  5 Bay / 6 Kilowatt Power Shelf
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE125RUW48 Datasheet(HTML) 1 Page - Lineage Power Corporation

  ACE125RUW48 Datasheet HTML 1Page - Lineage Power Corporation ACE125RUW48 Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
ACE125RUW48
5 Bay / 6 Kilowatt Power Shelf
rev 100506
Universal Rack for the CAR1248FP and CAR1248TN
Up to 6,000W (4,800W N+1)
Fully Hot-Pluggable and Redundant
Remote Sensing
LED Indicators
Built-in Alarm Signals
Full Protection Features
World-Wide Safety Approvals
KEY MARKETS & APPLICATIONS
Base Stations
ATE Equipment
Satelite Hubs
RF Amplifiers
Networking Equipment
Telecom Access Nodes
Power for Distributed Power Architectures
Central Office Switching
FEATURES
BENEFITS
Single Wire Current Sharing
Provide system stress balancing and increases reliability
Constant Power Option
Better suited for battery charging applications
Constant CurrentOption
Designed for front-end bulk supply applications
Voltage Trimming Capability
Designed for float VRLA batteries
BControl and Monitoring Signals
Allows for superior system control
Universal Input & International
Reduced logistic costs, meets world-wide standards
Built in Variable Speed fan
Low noise and increased reliability
LVD and Controller Option
Complete system integration for telecom applications
SPECIFICATIONS
6000 Watt Power Shelf for Five CAR1248 Front End & Rectifier Power Supplies
Rectifier/Front-End Model
CAR1248TN
CAR1248FP
Maximum Output Power
6000W (4800W N+1 Redundancy) at High Line
Output Current
112.5A at High Line (92.5A @ low Line)
125A at High Line (104A @ low Line)
Output Voltage
-54VDC ±0.2V
+48VDC ±0.1V
Output Voltage Range
-42VDC to -56VDC
+43.2 to +52.8VDC
Input Voltage*
90-264VAC, 47-63Hz (Individual input feeds)
Maximum Input Current
12.75A@100VAC, 7.9A@180VAC per module
Maximum Inrush Current
40A per input (per ETS 300 132-1)
Power Factor
0.99 typical. Complies with IEC555, EN60555-2, EN61000-3-2
Efficiency
91% typical at nominal load and 230VAC. (85% at 90VAC)
Regulation - Line
±2% of input power line
Regulation - Load
±1% of load
Ripple and Noise
Complies with ETS300 132-2, 32dBnrc. Bandwidth: 25Hz - 20kHz. ±1% pk-pk with 0/1uF ceramoc and 10uF electrotic caps
at the output.
Load Sharing
Active single wire load sharing. Unit to share ±10% of full load.
Transient Response
5% max deviation, 300usec recovery time @ 50% step load and di/dt < 1A/us
Status Indicators
AC good (GREEN), DC good (GREEN), FAULT (RED)
Alarm Signals
AC OK, AC High, DC OK, Temperature OK, Module Missing, Current Monitoring, Remote ON/OFF
Current Limit Protection
Self protected between the range of 110% - 130% of Iout nominal
Overvoltage Protection (OVP)
59VDC ±1V
Temperature Range
-10C to 70C (Power derating above 50C at 2%/C). -40C start up.
Shock & Vibration
IEC 68-2-27, MIL-STD-810E, 20G, Telcordia GR-63-CORE, GR-487-CORE
EMI/EMC
Class B (FCC and CISPR compliant) - EN55022 Level B. CE Marking Level B. GR-1089-CORE
Safety Approvals
UL: 487, 1012, 1950 CSA 22.2 No. 650 IEC: 380, 435, 950 VDE 0804, 0806 & CE Marked TUV
Dimensions
1.74” x 19.00” x 14.98” (44.1mm x 482.6mm x 380.5mm) - including mounting ears


Similar Part No. - ACE125RUW48

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE12008A ACE-ACE12008A Datasheet
232Kb / 3P
   N&P Pair Enhancement Mode MOSFET
VER 1.1
ACE12008AKG+H ACE-ACE12008AKG+H Datasheet
232Kb / 3P
   N&P Pair Enhancement Mode MOSFET
VER 1.1
logo
Fairchild Semiconductor
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE125RUW48

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ACE254RUW48 LINEAGEPOWER-ACE254RUW48 Datasheet
927Kb / 2P
   4 Bay / 10 Kilowatt Power Shelf
ACE4000 LINEAGEPOWER-ACE4000 Datasheet
806Kb / 2P
   3 Bay / 12 Kilowatt Power Shelf
ACE3000 LINEAGEPOWER-ACE3000 Datasheet
806Kb / 2P
   3 Bay / 9 Kilowatt Power Shelf
ACE3000T LINEAGEPOWER-ACE3000T Datasheet
820Kb / 2P
   3 Bay / 9 Kilowatt Power Shelf
logo
API Technologies Corp
1467 APITECH-1467 Datasheet
518Kb / 1P
   1 Kilowatt Peak Power
logo
Protek Devices
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
   60 KILOWATT TVS COMPONENTS
SM10KW PROTEC-SM10KW_15 Datasheet
430Kb / 6P
   60 KILOWATT TVS COMPONENTS
logo
Kendall Howard
1906-1-011-01 KENDALLHOWARD-1906-1-011-01 Datasheet
211Kb / 1P
   1U 5” COMPONENT SHELF
logo
Sames
SA2102D SAMES-SA2102D Datasheet
428Kb / 16P
   Single Phase Kilowatt-hour Metering IC
logo
Bel Fuse Inc.
SPSPFE3-04G BEL-SPSPFE3-04G Datasheet
949Kb / 14P
   Power Shelf
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com