Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL240A10-05 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # EL240A10-05
Description  Ratings of 5A, 10A and 20A @ 24-280 VAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

EL240A10-05 Datasheet(HTML) 1 Page - Crydom Inc.,

  EL240A10-05 Datasheet HTML 1Page - Crydom Inc., EL240A10-05 Datasheet HTML 2Page - Crydom Inc., EL240A10-05 Datasheet HTML 3Page - Crydom Inc., EL240A10-05 Datasheet HTML 4Page - Crydom Inc., EL240A10-05 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EL Series
• Ratings of 5A, 10A and 20A @ 24-280 VAC
• UL Recognized, CE and RoHS Compliant
• 5, 12 and 24VDC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output
PRODUCT SELECTION
Control Voltage
5A
10A
20A
4-8 VDC
EL240A5-05
EL240A10-05
EL240A20-05
10-14 VDC
EL240A5-12
EL240A10-12
EL240A20-12
21-27 VDC
EL240A5-24
EL240A10-24
EL240A20-24
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
5A
10A
20A
Operating Voltage (47-63Hz) [Vrms]
24-280
24-280
24-280
Maximum Load Current [Arms] (2)
5
10
20
Minimum Load Current [mArms]
150
150
250
Transient Overvoltage [Vpk]
600
600
600
Maximum Surge Current (50/60Hz, 1 Cycle) [Apk]
115/120
145/150
240/250
Maximum I² t for Fusing (50/60Hz, 1/2 cycle) [A² sec]
65/60
100/95
285/260
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
500
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
0.1
0.1
0.1
Thermal Resistance Junction to Case (Rjc) [°C/W]
6.0
4.0
2.0
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.3
1.3
1.3
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5


Similar Part No. - EL240A10-05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EL240A10-05 CRYDOM-EL240A10-05 Datasheet
843Kb / 7P
   EL Series
EL240A10-05 CRYDOM-EL240A10-05 Datasheet
843Kb / 7P
   EL Series
EL240A10-05 CRYDOM-EL240A10-05 Datasheet
843Kb / 7P
   EL Series
More results

Similar Description - EL240A10-05

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
D2410-10 CRYDOM-D2410-10 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
CXE240D5R CRYDOM-CXE240D5R_11 Datasheet
660Kb / 5P
   Ratings of 5A @ 660 VAC
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
EL100D5-05 CRYDOM-EL100D5-05 Datasheet
704Kb / 5P
   Ratings of 5A and 10A 3-100 VDC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com