Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC144EE Datasheet(PDF) 2 Page - Weitron Technology

Part # DTC144EE
Description  Bias Resistor Transistor NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC144EE Datasheet(HTML) 2 Page - Weitron Technology

  DTC144EE Datasheet HTML 1Page - Weitron Technology DTC144EE Datasheet HTML 2Page - Weitron Technology DTC144EE Datasheet HTML 3Page - Weitron Technology DTC144EE Datasheet HTML 4Page - Weitron Technology DTC144EE Datasheet HTML 5Page - Weitron Technology DTC144EE Datasheet HTML 6Page - Weitron Technology DTC144EE Datasheet HTML 7Page - Weitron Technology DTC144EE Datasheet HTML 8Page - Weitron Technology DTC144EE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WEITRON
http://www.weitron.com.tw
V(BR)CEO
mA
V
nA
V
nA
50
-
50
-
-
-
-
100
500
-
-
-
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
WEITRON
DTC114EE Series
2/13
12-Jun-06
DTC114EE
DTC124EE
DTC144EE
DTC114YE
DTC114TE
DTC143TE
DTC123EE
DTC143EE
DTC143ZE
DTC124XE
DTC123JE
DTC115EE
DTC144WE
V(BR)CBO
ICBO
ICEO
IEBO
Collector-Emitter Breakdown Voltage(2)
IC=2.0mA, IB=0
Off Characteristics
Collector-Base Breakdown Voltage
IC=10µA, IE=0
Collector-Base Cutoff Voltage
VCB=50V, IE=0
Collector-Emitter Cutoff Current
VCE=50V, IB=0
Emitter-Base Cutoff Current
VEB=6.0V, IC=0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
2. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%
Electrical Characteristics (TA=25˚C Unless Otherwise noted)
Symbol
Typ
Max
Unit
Min
Characteristics


Similar Part No. - DTC144EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144EE ROHM-DTC144EE Datasheet
67Kb / 4P
   Digital transistors (built-in resistors)
logo
WILLAS ELECTRONIC CORP
DTC144EE WILLAS-DTC144EE Datasheet
396Kb / 2P
   NPN Digital Transistor
logo
DONGGUAN YOU FENG WEI E...
DTC144EE YFWDIODE-DTC144EE Datasheet
630Kb / 3P
   Digital Transistor
logo
Jiangsu Changjiang Elec...
DTC144EE JIANGSU-DTC144EE Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTC144EE TSC-DTC144EE Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
More results

Similar Description - DTC144EE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com