Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76322ARZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL76322ARZ
Description  16-Bit Long-Reach Video Automotive Grade SERDES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76322ARZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL76322ARZ Datasheet HTML 1Page - Intersil Corporation ISL76322ARZ Datasheet HTML 2Page - Intersil Corporation ISL76322ARZ Datasheet HTML 3Page - Intersil Corporation ISL76322ARZ Datasheet HTML 4Page - Intersil Corporation ISL76322ARZ Datasheet HTML 5Page - Intersil Corporation ISL76322ARZ Datasheet HTML 6Page - Intersil Corporation ISL76322ARZ Datasheet HTML 7Page - Intersil Corporation ISL76322ARZ Datasheet HTML 8Page - Intersil Corporation ISL76322ARZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
16-Bit Long-Reach Video Automotive Grade SERDES
ISL76322
The ISL76322 is a serializer/deserializer of LVCMOS parallel
video data. The video data presented to the serializer on the
parallel LVCMOS bus is serialized into a high-speed differential
signal. This differential signal is converted back to parallel video
at the remote end by the deserializer. The fully featured register
set is programmed through the industry standard I2C.
Related Literature
•See FN6827, ISL34341 Data Sheet “WSVGA 24-Bit
Long-Reach Video SERDES with Bi-directional Side-Channel”
Features
• 16-bit RGB Transport Over a Single Differential Pair
• 6MHz to 50MHz Pixel Clock Rates
• AECQ100 Qualified Component
• Bi-directional Auxiliary Data Transport without Extra Bandwidth
and Over the Same Differential Pair
• Hot-plugging with Automatic Resynchronization Every HSYNC
• Selectable Clock Edge for Parallel Data Output
• DC-balanced with Industry Standard 8b/10b Line Code Allows
AC-coupling, Providing Immunity Against Ground Shifts
• 16 Programmable Settings Each for Transmitter Amplitude
Boost and Pre-emphasis and Receiver Equalization, Allow for
Longer Cable Lengths and Higher Data Rates
• Slew Rate Control and Spread Spectrum Capability on Outputs
Reduce the Potential for EMI
• Same Device for Serializer and Deserializer Simplifies Inventory
Applications
• Video Entertainment Systems
•Remote Cameras
SERIOP
SERION
27nF
27nF
SERIOP
SERION
27nF
27nF
ISL76322
DESERIALIZER
PCLK_IN
RGB
REF_CLK
PCLK_OUT
VSYNC
HSYNC
DE
3.3V
1.8V VDD_IO
16
VIDEO
TARGET
ISL76322
SERIALIZER
RGB
PCLK_IN
VSYNC
HSYNC
DE
3.3V
1.8V VDD_IO
VDD_IO
16
VIDEO
SOURCE
FIGURE 1. TYPICAL APPLICATION
January 31, 2011
FN7611.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL76322ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322ARZ INTERSIL-ISL76322ARZ Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76322ARZ INTERSIL-ISL76322ARZ Datasheet
361Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES
May 6, 2015
logo
Renesas Technology Corp
ISL76322ARZ RENESAS-ISL76322ARZ Datasheet
630Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES
More results

Similar Description - ISL76322ARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76322_1108 INTERSIL-ISL76322_1108 Datasheet
503Kb / 13P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76322 INTERSIL-ISL76322_15 Datasheet
361Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES
May 6, 2015
logo
Renesas Technology Corp
ISL76322 RENESAS-ISL76322 Datasheet
630Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
ISL76321ARZ INTERSIL-ISL76321ARZ Datasheet
365Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
May 1, 2015
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com