Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE8805 Datasheet(PDF) 6 Page - Semtech Corporation

Part # XE8805
Description  Data Acquisition MCU
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE8805 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button XE8805 Datasheet HTML 2Page - Semtech Corporation XE8805 Datasheet HTML 3Page - Semtech Corporation XE8805 Datasheet HTML 4Page - Semtech Corporation XE8805 Datasheet HTML 5Page - Semtech Corporation XE8805 Datasheet HTML 6Page - Semtech Corporation XE8805 Datasheet HTML 7Page - Semtech Corporation XE8805 Datasheet HTML 8Page - Semtech Corporation XE8805 Datasheet HTML 9Page - Semtech Corporation XE8805 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 156 page
background image
© Semtech 2006
www.semtech.com
1-4
XE8805/05A
The VLD (voltage level detector) detects the battery end of life with respect to a programmable threshold.
1.1.2 XE8805 vs XE8805A
The XE8805A has a new RESET pin function. The action of the RESET pin of the XE8805A resets the clock
registers too and creates an additional short delay. See the RESET chapter for more information.
1.2 Pin map
1.2.1 Bare die
(52.6,4123.5)
PA(0)
(52.6, 3908.5)
PA(1)
(52.6,3693.5)
PA(2)
(52.6, 3478.5)
PA(3)
(52.6, 3263.5)
VBAT
(52.6, 3048.5)
PA(4)
(52.6, 2833.5)
PA(5)
(52.6, 2618.5)
PA(6)
(52.6, 2403.5)
PA(7)
(52.6, 2188.5)
PC(0)
(52.6, 1973.5)
PC(1)
(52.6, 1758.5)
PC(2)
(52.6, 1543.5)
PC(3)
(52.6, 1328.5)
VSS
(52.6, 1113.5)
PC(4)
(52.6, 898.5)
PC(5)
(52.6, 683.5)
PC(6)
(52.6, 468.5)
PC(7)
AC_R(0)
(3958.4, 4118.5)
AC_R(1)
(3958.4, 3858.5)
VSS
(3958.4, 3603.5)
AC_A(0)
(3958.4, 3343.5)
AC_A(1)
(3958.4, 3088.5)
AC_A(2)
(3958.4, 2828.5)
AC_A(3)
(3958.4, 2573.5)
AC_A(4)
(3958.4, 2313.5)
VBAT
(3958.4, 2058.5)
AC_A(5)
(3958.4,1798.5)
AC_A(6)
(3958.4, 1543.5)
AC_A(7)
(3958.4, 1283.5)
AC_R(2)
(3958.4, 1028.5)
AC_R(3)
(3958.4, 768.5)
VPP/TEST
(3958.4, 508.5)
4100
Figure 1-2. Die dimensions and pin coordinates (in µm)


Similar Part No. - XE8805

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8801AMI027LF SEMTECH-XE8801AMI027LF Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI000 SEMTECH-XE8802MI000 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI035LF SEMTECH-XE8802MI035LF Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
More results

Similar Description - XE8805

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
   Multi-channel data acquisition
2013 - 2014
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
   High-Precision Data Acquisition
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
   Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com