Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8724E082TDT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8724E082TDT
Description  ZoomingADC??for Pressure and Temperature Sensing
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8724E082TDT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8724E082TDT Datasheet HTML 7Page - Semtech Corporation SX8724E082TDT Datasheet HTML 8Page - Semtech Corporation SX8724E082TDT Datasheet HTML 9Page - Semtech Corporation SX8724E082TDT Datasheet HTML 10Page - Semtech Corporation SX8724E082TDT Datasheet HTML 11Page - Semtech Corporation SX8724E082TDT Datasheet HTML 12Page - Semtech Corporation SX8724E082TDT Datasheet HTML 13Page - Semtech Corporation SX8724E082TDT Datasheet HTML 14Page - Semtech Corporation SX8724E082TDT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
ADVANCED COMMUNICATIONS & SENSING
V1.23 © 2009 Semtech Corp.
www.semtech.com
11
SX8724
ZoomingADC™ for Pressure and Temperature Sensing
GPIO
The GPIO block is a multipurpose 4 bit input/output port. In addition to digital behavior, D0 and D1 pins can be
programmed as analog pins in order to be used as output (reference voltage monitoring) and input for an
external reference voltage (For further details see Figure 14, Figure 15, Figure 16 and Figure 17). Each port
terminal can be individually selected as digital input or output.
Figure 4 - GPIO Block Diagram
The direction of each bit within the GPIO block (input only or input/output) can be individually set using the 4
MSB bits of the RegOut register. If D[x]_DIR = 1, both the input and output buffer are active on the
corresponding GPIO block pin. If D[x]_DIR = 0, the corresponding GPIO block pin is an input only and the
output buffer is in high impedance. After power on reset the GPIO block pins are in input/output mode
(D[x]_DIR are reset to 1)
The input values of GPIO block are available in RegIn register (read only). Reading is always direct – there is
no debounce function in the GPIO block. In case of possible noise on input signals, an external hardware filter
has to be realized. The input buffer is also active when the GPIO block is defined as output and the effective
value on the pin can be read back.
Data stored in the 4 LSB bits of RegOut register are outputted at GPIO block if D[x]_DIR = 1. The default values
after power on reset is low (0).
The digital pins are able to deliver a driving current up to 8 mA.
When the bits VREF_D0_OUT and VREF_D1_IN in the RegMode register are set to 1 the D0 and D1 pins
digital behavior are automatically bypassed in order to either input or output the voltage reference signals.
RegOut[4]
RegOut[5]
RegOut[0]
RegIn[0]
RegOut[1]
RegIn[1]
RegOut[6]
RegOut[7]
RegOut[2]
RegIn[2]
RegOut[3]
RegIn[3]
D2
D3
V
REF
+
-
D1/REF
IN
D0/REF
OUT
RegMode[0]
0
1
RegMode[1]
0
1
0
1
ZoomingADC


Similar Part No. - SX8724E082TDT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724CWLTDT SEMTECH-SX8724CWLTDT Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724CWLTDT SEMTECH-SX8724CWLTDT Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
More results

Similar Description - SX8724E082TDT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8723 SEMTECH-SX8723 Datasheet
4Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8725 SEMTECH-SX8725 Datasheet
3Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
   ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com