Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8722 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX8722
Description  High gain acquisition for sensor interface
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8722 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX8722 Datasheet HTML 3Page - Semtech Corporation SX8722 Datasheet HTML 4Page - Semtech Corporation SX8722 Datasheet HTML 5Page - Semtech Corporation SX8722 Datasheet HTML 6Page - Semtech Corporation SX8722 Datasheet HTML 7Page - Semtech Corporation SX8722 Datasheet HTML 8Page - Semtech Corporation SX8722 Datasheet HTML 9Page - Semtech Corporation SX8722 Datasheet HTML 10Page - Semtech Corporation SX8722 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
ACS - Revision 4.2
October 2008
©2008 Semtech Corp.
www.semtech.com
Page 7
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8722
High gain acquisition for sensor interface
(1) With external 32.768kHz Xtal connected
(2) Without external 32.768kHz Xtal connected
1.3. ZoomingADC Specifications
Unless otherwise specified: Temperature TA = +25°C, VBATT = +5V, GND = 0V, VREF = +5V, VIN = 0V, RC frequency fRC =
2MHz, sampling frequency fS = 300 kHz, Overall PGA gain GDTOT = 1, offsets GDOff2 = GDOff3 = 0. Power operation: normal
(IB_AMP_ADC[1:0] = IB_AMP_PGA[1:0] = '11'). For resolution n = 12 bits: OSR = 32 and NELCONV = 4. For resolution n = 16
bits: OSR = 512 and NELCONV = 2.
PARAMETER
COMMENTS/CONDITIONS
VALUE
UNITS
MIN
TYP
MAX
ANALOG INPUT CHARACTERISTICS
Differential Input Voltage Range
VIN = VINP -VINN
Gain = 1, OSR = 32 (Note 1)
-2.42
+2.42
V
Gain = 100, OSR = 32
-24.2
+24.2
mV
Gain = 1000, OSR = 32
-2.42
+2.42
mV
Reference Voltage Range
VREF,ADC = VREFP -VREFN
VBATT
V
PROGRAMMABLE GAIN AMPLIFIER
Total PGA Gain
GDTOT
0.5
1000
V/V
PGA1 Gain
GD1
See Table 15
1
10
V/V
PGA2 Gain
GD2
See Table 16
1
10
V/V
PGA3 Gain
GD3
Step = 1/12 V/V, See Table 47
127/12
V/V
Gain Settings Precision (each stage)
-3
+/- 0.5
+3
%
Gain Temperature Dependance Offset
+/- 5
ppm / °C
PGA2 Offset
GDoff2
Step = 0.2 V/V, See Table 46
-1
+1
V/V
PGA3 Offset
GDoff3
Step = 1.12 V/V, See Table 48
-63/12
+63/12
V/V
Offset Settings Precision
(PGA2 or PGA3)
(note 2)
-3
+/- 0.5
+3
%
Offset Temperature Dependance
+/-5
ppm / °C
Input Impedance PGA1
PGA1 Gain = 1 (Note 3)
1500
k
Ω
PGA1 Gain = 10 (Note 3)
150
k
Ω
Input Impedance PGA2 ,PGA3
Maximal gain = 1 (Note 3)
150
k
Ω
Output RMS Noise
PGA1 (Note 4)
205
μV
PGA2 (Note 5)
340
μV
PGA3 (Note 6)
365
μV


Similar Part No. - SX8722

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8723 SEMTECH-SX8723 Datasheet
4Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8723CWLTDT SEMTECH-SX8723CWLTDT Datasheet
1Mb / 67P
   ZoomingADC for sensing data acquisition
SX8723E083TRT SEMTECH-SX8723E083TRT Datasheet
4Mb / 53P
   ZoomingADC??for Pressure and Temperature Sensing
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
   ZoomingADC for sensing data acquisition
More results

Similar Description - SX8722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
   12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX17843 MAXIM-MAX17843 Datasheet
2Mb / 131P
   12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
Rev 2; 4/18
logo
NXP Semiconductors
SAA5250 PHILIPS-SAA5250 Datasheet
173Kb / 35P
   Interface for data acquisition and control for multi-standard teletext systems
January 1987
logo
List of Unclassifed Man...
XE2003 ETC-XE2003 Datasheet
88Kb / 6P
   CAPACITIVE SENSOR INTERFACE CIRCUIT WITH GAIN AND OFFSET ADJUSTMENT
logo
Renesas Technology Corp
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29010 INTERSIL-ISL29010 Datasheet
531Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
STMicroelectronics
TS636 STMICROELECTRONICS-TS636 Datasheet
121Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER FOR ADSL LINE INTERFACE
logo
Intersil Corporation
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com