Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8652 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SX8652
Description  15kV ESD Low Power 4-Wire
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652 Datasheet(HTML) 3 Page - Semtech Corporation

  SX8652 Datasheet HTML 1Page - Semtech Corporation SX8652 Datasheet HTML 2Page - Semtech Corporation SX8652 Datasheet HTML 3Page - Semtech Corporation SX8652 Datasheet HTML 4Page - Semtech Corporation SX8652 Datasheet HTML 5Page - Semtech Corporation SX8652 Datasheet HTML 6Page - Semtech Corporation SX8652 Datasheet HTML 7Page - Semtech Corporation SX8652 Datasheet HTML 8Page - Semtech Corporation SX8652 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Revision V1.5/June 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 3
Section
Page
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Table of contents
6.4.
Power-Up ....................................................................................................................................................... 24
6.5.
Reset.............................................................................................................................................................. 24
7.
Modes of Operation .............................................................................................................................................. 24
7.1.
Manual Mode ................................................................................................................................................. 25
7.2.
Automatic mode ............................................................................................................................................. 25
7.3.
PENDET Mode .............................................................................................................................................. 26
7.4.
PENTRIG Mode ............................................................................................................................................. 26
8.
Application Information .......................................................................................................................................... 27
8.1.
Acquisition Setup ........................................................................................................................................... 27
8.2.
Channel Selection.......................................................................................................................................... 27
8.3.
Noise Reduction............................................................................................................................................. 27
8.3.1.
POWDLY................................................................................................................................................. 27
8.3.2.
SETDLY .................................................................................................................................................. 28
8.3.3.
AUX Input ................................................................................................................................................ 28
8.4.
Interrupt Generation....................................................................................................................................... 28
8.5.
Coordinate Throughput Rate ......................................................................................................................... 28
8.5.1.
SPI Communication Time ....................................................................................................................... 28
8.5.2.
Conversion Time ..................................................................................................................................... 29
8.5.3.
AUTO MODE .......................................................................................................................................... 29
8.6.
ESD event...................................................................................................................................................... 29
9.
Packaging Information ........................................................................................................................................... 30
9.1.
DFN Package................................................................................................................................................. 30
9.2.
WLCSP Package ........................................................................................................................................... 31


Similar Part No. - SX8652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652ICSTRT SEMTECH-SX8652ICSTRT Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652IWLTRT SEMTECH-SX8652IWLTRT Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results

Similar Description - SX8652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8650 SEMTECH-SX8650 Datasheet
796Kb / 56P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650 SEMTECH-SX8650_10 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Analog Devices
MAX1488E AD-MAX1488E Datasheet
1Mb / 9P
   ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Rev 1; 1/21
logo
Linear Integrated Syste...
LT1780ISW LINEAR-LT1780ISW Datasheet
246Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com