Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8652 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX8652
Description  15kV ESD Low Power 4-Wire
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX8652 Datasheet HTML 3Page - Semtech Corporation SX8652 Datasheet HTML 4Page - Semtech Corporation SX8652 Datasheet HTML 5Page - Semtech Corporation SX8652 Datasheet HTML 6Page - Semtech Corporation SX8652 Datasheet HTML 7Page - Semtech Corporation SX8652 Datasheet HTML 8Page - Semtech Corporation SX8652 Datasheet HTML 9Page - Semtech Corporation SX8652 Datasheet HTML 10Page - Semtech Corporation SX8652 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Revision V1.5/June 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 7
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
15kV ESD Low Power 4-Wire / 5-Wire Resistive
Touchscreen Controller with SPI Interface
2.4. Electrical Specifications
All values are valid within the recommended operating conditions unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ
Max
Unit
Current consumption
Mode = MANUAL
Ipwd
Converter stopped, pen
detection off, SPI listening,
OSC stopped
0.4
1
uA
Mode = PENDET
Ipndt
Converter stopped, pen
detection activated, device
generates interrupt upon
detection, SPI listening, OSC
stopped
0.4
1
uA
Mode =PENTRIG
Ipntr
Converter stopped, pen
detection activated, device
starts conversion upon pen
detection. SPI listening, OSC
stopped
0.4
1
uA
Mode=AUTO
Iauto
Converter stopped, pen
detection off, SPI listening,
OSC on, timer on
1.5
uA
Operation @8kSPS, VDD=1.8V
Iopl
23
50
uA
Operation @42kSPS, VDD=3.3V Ioph
105
140
uA
Digital I/O
High-level input voltage
VIH
0.8VDD
VDD+0.2
V
Low-level input voltage
VIL
VSS-0.3
0.2VDD
V
Hysteresis
VHysLow
VDD > 2V
0.05 VDD
V
VHysHigh
VDD < 2V
0.1 VDD
V
Output Logic High
VOH
IOL<-4mA
0.8VDD
Output Logic Low
VOL
IOL<4mA
0
0.4
V
Input leakage current
LI
CMOS input
±1
uA
High ESD Input - Output
capacitance
CX+/BR ,CX-/TL
,CY+/TR , CY-/BL,
CAUX
50
pF
Input - Output capacitance
CNRST , CNIRQ
,CNCS ,CDIN ,
CDOUT, CSCLK
5
pF
Table 5. Electrical Specifications


Similar Part No. - SX8652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652ICSTRT SEMTECH-SX8652ICSTRT Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652IWLTRT SEMTECH-SX8652IWLTRT Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results

Similar Description - SX8652

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8650 SEMTECH-SX8650 Datasheet
796Kb / 56P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650EVKA SEMTECH-SX8650EVKA Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8650 SEMTECH-SX8650_10 Datasheet
671Kb / 39P
   World?셲 Lowest Power & Smallest Footprint 4-wire Resistive Touchscreen Controller with 15kV ESD
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Analog Devices
MAX1488E AD-MAX1488E Datasheet
1Mb / 9P
   ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Rev 1; 1/21
logo
Linear Integrated Syste...
LT1780ISW LINEAR-LT1780ISW Datasheet
246Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com