Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846BDW Datasheet(PDF) 4 Page - Weitron Technology

Part # BC846BDW
Description  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC846BDW Datasheet(HTML) 4 Page - Weitron Technology

  BC846BDW_08 Datasheet HTML 1Page - Weitron Technology BC846BDW_08 Datasheet HTML 2Page - Weitron Technology BC846BDW_08 Datasheet HTML 3Page - Weitron Technology BC846BDW_08 Datasheet HTML 4Page - Weitron Technology BC846BDW_08 Datasheet HTML 5Page - Weitron Technology BC846BDW_08 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WEITRON
http://www.weitron.com.tw
BC846BDW Series
FIG.7 Normalized DC Current Gain
IC , COLLECTOR CURRENT (mA)
FIG.8 "On" Voltage
IC , COLLECTOR CURRENT (mA)
0.8
1.0
0.6
0.2
0.4
1.0
2.0
0.1
1.0
10
100
0.2
0.2
0.5
0.2
1.0
10
200
TA = 25 C
VBE(sat) @ IC/IB= 10
VCE(sat) @ IC/IB= 10
VBE @ VCE = 5.0 V
FIG.9 Collector Saturation Region
IB , BASE CURRENT (mA)
FIG.10 Base-Emitter Temperature Coefficient
IC , COLLECTOR CURRENT (mA)
-1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25 C
200 mA
50 mA
IC =
10 mA
VCE = 5 V
TA = 25 C
0
0.5
2.0
5.0
20
50
100
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
-1.4
-1.8
-2.2
-2.6
-3.0
0.5
5.0
20
50
100
-55 C to 125 C
VB for VBE
FIG.11 Capacitance
VR, REVERSE VOL TAGE (VOLTS)
40
FIG.12 Current-Gain - Bandwidth Product
IC , COLLECTOR CURRENT (mA)
0.1 0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25 C
0.5
5.0
20
TA = 25 C
Cob
Cib
Rev.B 09-Oct-08
4/6


Similar Part No. - BC846BDW_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC846BDW1 ONSEMI-BC846BDW1 Datasheet
110Kb / 11P
   Dual General Purpose Transistors
August, 2016 ??Rev. 11
BC846BDW1T1 ONSEMI-BC846BDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC846BDW1T1 ETL-BC846BDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC846BDW1T1 ONSEMI-BC846BDW1T1 Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC846BDW1T1D ONSEMI-BC846BDW1T1D Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
More results

Similar Description - BC846BDW_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com