Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54ADW Datasheet(PDF) 2 Page - Weitron Technology

Part # BAT54ADW
Description  Surface Mount Schottky Barrier Diodes Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54ADW Datasheet(HTML) 2 Page - Weitron Technology

  BAT54ADW_11 Datasheet HTML 1Page - Weitron Technology BAT54ADW_11 Datasheet HTML 2Page - Weitron Technology BAT54ADW_11 Datasheet HTML 3Page - Weitron Technology BAT54ADW_11 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
Maximum Ratings (TA=25 C Unless otherwise noted)
Characteristic
Average Rectifier
Forward Current
Peak Repetitive
Forward Current
Rated VR, Square Wave,20KHz
Operating Junction
Temperature Range
Storage Temperature Range
Symbol
IF(AV)
IFRM
VRRM
VRMW
VR
IFSM
TJ
Tstg
Value
Unit
200
300
125
-55 to +150
mA
mA
mA
C
C
C/W
Electrical Characteristics
(TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage (IR=10µA)
Forward Voltage
IF=1.0mA
IF=10mA
IF=30mA
IF=100mA
Total Capacitance
(VR=1.0V, f=1.0MHz)
Reverse Leakage
VR=25V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=0.1xIR, RL
V(BR)R
VF
CT
IR
Trr
Min
Typ
Max
Unit
30
0.32
0.40
0.50
1.00
10
2.0
5.0
Volts
Volts
PF
uAdc
nS
http://www.weitron.com.tw
Non-Repetitive
Forward Current(t 1.0s)
600
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
30
V
Power Dissipation
Pd
200
mw
Thermal Resistance, Junction to
Ambient Air
R JA
500
WEITRON
2/4
25-Feb-2011
BAT54TDW/BAT54CDW
BAT54BRW
BAT54ADW/BAT54SDW


Similar Part No. - BAT54ADW_11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BAT54ADW UTC-BAT54ADW_15 Datasheet
152Kb / 3P
   SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54ADW_11

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAT54ADW WEITRON-BAT54ADW Datasheet
533Kb / 4P
   Surface Mount Schottky Barrier Diodes Arrays
logo
Pan Jit International I...
BAS70TW PANJIT-BAS70TW_16 Datasheet
404Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_1 Datasheet
94Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
logo
Jiangsu Changjiang Elec...
FBAS40BRW JIANGSU-FBAS40BRW Datasheet
229Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS40DW-05 JIANGSU-FBAS40DW-05 Datasheet
227Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-04 JIANGSU-FBAS70DW-04 Datasheet
208Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70TW JIANGSU-FBAS70TW Datasheet
211Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAT54CDW JIANGSU-FBAT54CDW Datasheet
182Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_15 Datasheet
130Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAS40TW DIODES-BAS40TW_1 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com