Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT46W Datasheet(PDF) 1 Page - Weitron Technology

Part # BAT46W
Description  Surface Mount Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT46W Datasheet(HTML) 1 Page - Weitron Technology

  BAT46W Datasheet HTML 1Page - Weitron Technology BAT46W Datasheet HTML 2Page - Weitron Technology BAT46W Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.weitron.com.tw
WEITRON
BAT46W
SCHOTTKY DIODE
100 VOLTS
75m AMPERES
* High Breakdown Voltage.
* Low Turn-on Voltage.
* Gurad Ring Construction for Transient Protection.
Surface Mount Schottky Barrier Diode
Features:
SOD-123
1
2
SOD-123 Outline Dimensions
Unit:mm
Dim
A
B
C
D
E
H
J
K
Min
2.55
1.40
0.95
0.50
-
-
3.55
Max
2.85
1.80
1.35
0.70
0.10
0.15
3.85
SOD-123
0.30 REF
PIN 1. CATHODE
2. ANODE
1/3
29-Dec-09
Lead(Pb)-Free
P b


Similar Part No. - BAT46W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Intersil Corporation
BAT46W INTERSIL-BAT46W Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
277Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
Micro Commercial Compon...
BAT46W MCC-BAT46W Datasheet
229Kb / 3P
   200mW Schottky Diode 100 Volts High breakdown Voltage
More results

Similar Description - BAT46W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com