Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B360A Datasheet(PDF) 3 Page - Weitron Technology

Part No. B360A
Description  Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B360A Datasheet(HTML) 3 Page - Weitron Technology

  B360A Datasheet HTML 1Page - Weitron Technology B360A Datasheet HTML 2Page - Weitron Technology B360A Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B320A thru B360A
http://www.weitron.com.tw
FIG.5 Typical Reverse Characteristics
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
TJ=125 C
TJ=100 C
TJ=25 C
FIG.3 Typical Forward Characteristics
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
10
1.0
0.1
.01
0
0.2
0.4
0.6
0.8
1.0
B320A to B340A
B350A to B360A
TJ=25 C
PULSEWIDTH:300us
REVERSE VOLTAGE , (VOLTS)
0.1
1.0
4.0
10.0
100
TJ=25 C F=1MHz
1000
100
10
FIG.4 Typical Junction Capacitance
FIG.1 Forward Current Derating Curve
LEAD TEMPERATURE , C
25
50
75
100
125
150
175
SIGNE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.2MaximumNon-RepetitiveSurgeCurr ent
NUMBEROF CYCLES AT60Hz
PULSE WIDTH 8.3ms
SINGLE MALF-SINE-WAVE
(JEDEC METHOD)
1
2
5
10
20
50
100
120
80
40
0
20
60
100
0
1.0
2.0
3.0
4.0
5.0
WEITRON
Rev.B 03-Jul-09
3/3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn