Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1664 Datasheet(PDF) 2 Page - Weitron Technology

Part # 2SD1664
Description  NPN Epitaxial Planar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SD1664 Datasheet(HTML) 2 Page - Weitron Technology

  2SD1664 Datasheet HTML 1Page - Weitron Technology 2SD1664 Datasheet HTML 2Page - Weitron Technology 2SD1664 Datasheet HTML 3Page - Weitron Technology 2SD1664 Datasheet HTML 4Page - Weitron Technology 2SD1664 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WEITRON
http://www.weitron.com.tw
2SD1664
Transition Frequency
VCE=5V, IC=50mA f=100MHz
Output Capacitance
VCB=10V, IE=0, f=1MHz
-
150
-
MHz
DYNAMIC CHARACTERISTICS
fT
-
15
-
pF
Cob
Marking
Range
Rank
P
R
82-180
180-390
DAP
DAR
Q
120-270
DAQ
CLASSIFICATION OF hFE
ELECTRICAL CHARACTERISTICS (TA=25˚C Unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
VCE=3V, I C=100mA
Collector-Emitter Saturation Voltage
IC=0.5A, IB=50mA
hFE
82
-
390
-
VCE(sat)
-
-
0.4
V
2/5
11-Dec-08


Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
   Medium Power Transistor (32V, 1A)
logo
Foshan Blue Rocket Elec...
2SD1664 FOSHAN-2SD1664 Datasheet
963Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Unisonic Technologies
2SD1664 UTC-2SD1664 Datasheet
188Kb / 3P
   MEDIUM POWER NPN TRANSISTOR
logo
Jiangsu Changjiang Elec...
2SD1664 JIANGSU-2SD1664 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
   Medium Power Transistor (32V, 1A)
More results

Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD669 WEITRON-2SD669 Datasheet
245Kb / 5P
   NPN Epitaxial Planar Transistors
2SD2150 WEITRON-2SD2150 Datasheet
216Kb / 4P
   NPN Epitaxial Planar Transistors
LB123T WEITRON-LB123T Datasheet
328Kb / 4P
   NPN Epitaxial Planar Transistors
2SD1898 WEITRON-2SD1898 Datasheet
112Kb / 4P
   Epitaxial Planar NPN Transistors
KTD1898 WEITRON-KTD1898 Datasheet
175Kb / 4P
   Epitaxial Planar NPN Transistors
logo
Micro Commercial Compon...
KTC3876-Y MCC-KTC3876-Y Datasheet
778Kb / 2P
   Epitaxial Planar NPN Transistors
logo
Weitron Technology
WTM2222A WEITRON-WTM2222A Datasheet
193Kb / 4P
   NPN Epitaxial Planar Transistors
BD233 WEITRON-BD233 Datasheet
180Kb / 3P
   NPN Epitaxial Planar Transistors
KTA1664 WEITRON-KTA1664 Datasheet
114Kb / 3P
   NPN Epitaxial Planar Transistors
logo
Micro Commercial Compon...
KTC3875-Y MCC-KTC3875-Y Datasheet
924Kb / 3P
   Epitaxial Planar NPN Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com