Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB776 Datasheet(PDF) 5 Page - Weitron Technology

Part # 2SB776
Description  2SB776 PNP Epitaxial Planar Transistors, 2SD886 NPN Epitaxial Planar Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SB776 Datasheet(HTML) 5 Page - Weitron Technology

  2SB776 Datasheet HTML 1Page - Weitron Technology 2SB776 Datasheet HTML 2Page - Weitron Technology 2SB776 Datasheet HTML 3Page - Weitron Technology 2SB776 Datasheet HTML 4Page - Weitron Technology 2SB776 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SB776
2SD886
WEITRON
http://www.weitron.com.tw
5/5
14-Apr-08
Dim
A
B
C
D
E
G
H
J
K
L
M
M in
2.500
1.100
0.660
1.170
0.450
7.400
10.600
2.900
1.500
0.860
1.370
0.600
7.800
11.000
TO-126
S
TO-126 Outline Dimensions
unit:mm
G
E
A
B
C
D
J
K
φ
M AX
2.290TYP
4.480
15.300
2.100
3.900
4.680
15.700
2.300
4.100
φ
3.000
3.200


Similar Part No. - 2SB776

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
   100V/7A, AF 40W Output Applications????
2SB776 SANYO-2SB776 Datasheet
128Kb / 4P
   100V/7A, AF 40W Output Applications
logo
Unisonic Technologies
2SB776 UTC-2SB776 Datasheet
61Kb / 3P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Nanjing International G...
2SB776 DGNJDZ-2SB776 Datasheet
1Mb / 3P
   TO-126 Plastic-Encapsulate Transistors
logo
Savantic, Inc.
2SB776 SAVANTIC-2SB776 Datasheet
196Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB776

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTM772 WEITRON-WTM772 Datasheet
206Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
WTP772 WEITRON-WTP772 Datasheet
274Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
WTS772 WEITRON-WTS772 Datasheet
237Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB772 WEITRON-2SB772 Datasheet
263Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB772 WEITRON-2SB772_07 Datasheet
716Kb / 5P
   PNP / NPN Epitaxial Planar Transistors
WTD772 WEITRON-WTD772 Datasheet
267Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
logo
SeCoS Halbleitertechnol...
SZD772 SECOS-SZD772 Datasheet
659Kb / 3P
   PNP Epitaxial Planar Transistors
logo
Weitron Technology
2SB1188 WEITRON-2SB1188 Datasheet
128Kb / 5P
   Epitaxial Planar PNP Transistors
KTA1663 WEITRON-KTA1663 Datasheet
172Kb / 3P
   PNP Epitaxial Planar Transistors
2SB624 WEITRON-2SB624 Datasheet
214Kb / 4P
   PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com