Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC737212M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC737212M
Description  Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC737212M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC737212M Datasheet HTML 3Page - Sanyo Semicon Device LC737212M Datasheet HTML 4Page - Sanyo Semicon Device LC737212M Datasheet HTML 5Page - Sanyo Semicon Device LC737212M Datasheet HTML 6Page - Sanyo Semicon Device LC737212M Datasheet HTML 7Page - Sanyo Semicon Device LC737212M Datasheet HTML 8Page - Sanyo Semicon Device LC737212M Datasheet HTML 9Page - Sanyo Semicon Device LC737212M Datasheet HTML 10Page - Sanyo Semicon Device LC737212M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Memory readout
Memory store
• R/P key
After connecting to the line, the R/P functions as a redial key as long as the system has not performed a dialing output
operation. In manual dialing mode, the R/P key functions as the pause data key.
When dialing from memory:
— During a pause operation:
Cancels the pause
— While dialing:
Inserts a pause
During a redial operation:
— During a pause operation:
Cancels the pause
— While dialing:
Ignored
If two or more pause characters occur in the data, the pause cancel operation will cancel all pending pauses in a single
operation.
• STORE key
Pressing the STORE key sets the system to memory store mode. Pressing the STORE key again during a memory store
operation cancels all input data.
• HOLD ON/OFF key
Controls the on/off state of off-hook mode. No key tone is output at this time.
• Keys A1 to A5
These are the one-touch auto-dialing keys. Pressing one of these keys outputs the corresponding memory data from the
DP and DTMF pins.
• Keys 00 to 17
These are user-defined keys. When one of these keys is pressed, the LC737212/M outputs the corresponding status and
key code from the serial interface.
No. 5203-7/27
LC737212, 737212M


Similar Part No. - LC737212M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
More results

Similar Description - LC737212M

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2533 AMSCO-AS2533_1 Datasheet
508Kb / 25P
   Multi-Standard CMOS Telephone IC for Basic Telephones
AS2533 AMSCO-AS2533_11 Datasheet
1Mb / 26P
   Multi-Standard CMOS Telephone IC for Basic Telephones
logo
National Semiconductor ...
MM53143 NSC-MM53143 Datasheet
310Kb / 5P
   PUSH BUTTON PULSE DIALER CIRCUITS
logo
Sanyo Semicon Device
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
logo
Samsung semiconductor
KS5805 SAMSUNG-KS5805 Datasheet
305Kb / 6P
   TELEPHONE PULSE DIALER WITH REDIAL
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Rohm
BU8307CS ROHM-BU8307CS Datasheet
292Kb / 17P
   Pulse / tone dialer for telephone set
logo
Micrel Semiconductor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
   Push-Button Reset IC
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com