Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3J133TU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3J133TU
Description  TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J133TU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3J133TU Datasheet HTML 1Page - Toshiba Semiconductor SSM3J133TU Datasheet HTML 2Page - Toshiba Semiconductor SSM3J133TU Datasheet HTML 3Page - Toshiba Semiconductor SSM3J133TU Datasheet HTML 4Page - Toshiba Semiconductor SSM3J133TU Datasheet HTML 5Page - Toshiba Semiconductor SSM3J133TU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSM3J133TU
2010-11-30
2
Electrical Characteristics(Ta = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
V (BR) DSS ID = -1 mA, VGS = 0 V
-20
V
Drain-source breakdown voltage
V (BR) DSX ID = -1 mA, VGS = 5 V
. (Note 4)
-15
V
Drain cut-off current
IDSS
VDS = -20 V, VGS = 0 V
-1
μA
Gate leakage current
IGSS
VGS = ±8 V, VDS = 0 V
±1
μA
Gate threshold voltage
Vth
VDS = -3 V, ID = -1 mA
-0.3
-1.0
V
Forward transfer admittance
⏐Yfs
VDS = -3 V, ID = -1.0 A
(Note 3)
5.2
10.4
S
ID = -3.0 A, VGS = -4.5 V
(Note 3)
24.9
29.8
ID = -2.5 A, VGS = -2.5 V
(Note 3)
31.1
39.7
ID = -1.5 A, VGS = -1.8 V
(Note 3)
38.8
56.0
Drain-source ON-resistance
RDS (ON)
ID = -0.5 A, VGS = -1.5 V
(Note 3)
47.4
88.4
m
Ω
Input capacitance
Ciss
840
Output capacitance
Coss
118
Reverse transfer capacitance
Crss
VDS = -10 V, VGS = 0 V
f = 1 MHz
99
pF
Turn-on time
ton
32
Switching time
Turn-off time
toff
VDD = -10 V, ID = -2.0 A
VGS = 0 to -2.5 V, RG = 4.7 Ω
107
ns
Total gate charge
Qg
12.8
Gate-source charge
Qgs1
1.4
Gate-drain charge
Qgd
VDD = -10 V, ID = -4.0 A,
VGS = -4.5 V
3.0
nC
Drain-Source forward voltage
VDSF
ID = 5.5A, VGS = 0 V
(Note3)
0.83
1.2
V
Note 3: Pulse test
Note 4: If a forward bias is applied between gate and source, this device enters V(BR)DSX mode. Note that the
drain-source breakdown voltage is lowered in this mode.
Switching Time Test Circuit
(a) Test Circuit
Notice on Usage
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to be low (-1 mA for the
SSM3J133TU). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
Thermal resistance Rth (ch-a) and power dissipation PD vary depending on board material, board area, board thickness
and pad area. When using this device, please take heat dissipation into consideration.
VDD = -10 V
RG = 4.7 Ω
Duty
≤ 1%
VIN: tr, tf < 5 ns
Common source
Ta = 25°C
IN
0
2.5V
10
μs
VDD
OUT
RL
ton
10%
90%
−2.5 V
0 V
90%
10%
toff
tr
tf
VDS (ON)
VDD
(b) VIN
(c) VOUT


Similar Part No. - SSM3J133TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J133TU TOSHIBA-SSM3J133TU_14 Datasheet
210Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results

Similar Description - SSM3J133TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com