Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72723M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72723M
Description  RDS Demodulation IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72723M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72723M Datasheet HTML 1Page - Sanyo Semicon Device LC72723M Datasheet HTML 2Page - Sanyo Semicon Device LC72723M Datasheet HTML 3Page - Sanyo Semicon Device LC72723M Datasheet HTML 4Page - Sanyo Semicon Device LC72723M Datasheet HTML 5Page - Sanyo Semicon Device LC72723M Datasheet HTML 6Page - Sanyo Semicon Device LC72723M Datasheet HTML 7Page - Sanyo Semicon Device LC72723M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering number : EN6037
40299RM (OT) No. 6037-1/8
Overview
The LC72723 is an RDS (Radio Data System) signal
demodulation IC. This IC integrates a bandpass filter, the
demodulation circuit, and buffer RAM on a single chip
and can read out RDS data in slave mode operation with
the provision of an external clock input. It also supports
master mode, in which the data is read out in
synchronization with an RDS clock output provided by the
IC itself.
Functions
• Bandpass filter: Switched capacitor filter (SCF)
• RDS demodulation: Functions include 57kHz carrier
regeneration, clock regeneration, biphase decoding, and
differential decoding
• Buffer RAM: Stores 128 bits (about 100 ms) of data.
• Data output: Output can be switched between master
mode and slave mode readout.
• RDS ID detection: Supports ID reset
• Standby control: Stops the crystal oscillator.
• Fully adjustment free.
Ratings
• Operating supply voltage: 4.5 to 5.5 V
• Operating temperature: –40 to 85°C
• Packages: DIP16 and MFP16
Package Dimensions
unit: mm
3006B-DIP16
unit: mm
3035A-MFP16
LC72723, LC72723M
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
RDS Demodulation IC
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1
8
16
9
19.2
0.71
2.54
1.2
0.48
SANYO: DIP16
[LC72723]
1
16
8
9
10.1
0.15
0.605
1.27
0.35
SANYO: MFP16
[LC72723M]


Similar Part No. - LC72723M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72720 SANYO-LC72720 Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720M SANYO-LC72720M Datasheet
235Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720NM SANYO-LC72720NM Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
LC72720YV SANYO-LC72720YV Datasheet
173Kb / 18P
   Single-Chip RDS Signal-Processing System IC
More results

Similar Description - LC72723M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
logo
ON Semiconductor
LC72725KV ONSEMI-LC72725KV Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KVS SANYO-LC72725KVS Datasheet
91Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
STK311-010 SANYO-STK311-010 Datasheet
122Kb / 7P
   RDS Demodulation Synchronization and Error Correction
logo
OKI electronic componet...
MSM9562 OKI-MSM9562 Datasheet
108Kb / 10P
   IC for FM Multiplex Data Demodulation
MSM9564 OKI-MSM9564 Datasheet
111Kb / 11P
   IC for FM Multiplex Data Demodulation
MSM9560 OKI-MSM9560 Datasheet
101Kb / 8P
   IC for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com