Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72714 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC72714
Description  Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72714 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC72714 Datasheet HTML 7Page - Sanyo Semicon Device LC72714 Datasheet HTML 8Page - Sanyo Semicon Device LC72714 Datasheet HTML 9Page - Sanyo Semicon Device LC72714 Datasheet HTML 10Page - Sanyo Semicon Device LC72714 Datasheet HTML 11Page - Sanyo Semicon Device LC72714 Datasheet HTML 12Page - Sanyo Semicon Device LC72714 Datasheet HTML 13Page - Sanyo Semicon Device LC72714 Datasheet HTML 14Page - Sanyo Semicon Device LC72714 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
No. 6871-11/29
LC72714W
Data Update Timing for Read Registers
The data in the two read registers (the status register at address 01H and the block number register at address 02H) is
updated in the 1 ms interval between 1 ms prior to the output of the interrupt control signal (INT) and a point
immediately before the INT output.
In normal processing, when an interrupt occurs, the application will first determine the nature of the data packet that will
be output by the current interrupt signal by reading out the status register, and determine if it is necessary to read out that
data. For example, if error correction failed and the erroneous data is not required, the application should simply wait for
the next interrupt.
If the CCB interface is used, the application reads out the data from CCB address #FB, and determines the status from the
additional 16 bits of data. It then either reads out the following data or sets the CE signal low to cancel the readout.
Applications can also read out data asynchronously with respect to the interrupt signal. In this case, the application
checks the current reception status by reading out the status register and checking bit 6 (data received in the block
synchronized state) and bit 5 (data received in the frame synchronized state). In this case, using data for which bit 7 (VH)
is 0 provides superior real time characteristics.
CPU Interface Timing <Parallel Mode>
• Register Read Timing
tCYRD
tWRDL1, tWRDL2
A0 to A3
CS
tHARD
tSARD
tDRDY
tRDH
tWRDY
Valid
output
RD
RDY
DATn
* tHARD stipulates the earliest timing for A0 to A3 and CS.


Similar Part No. - LC72714

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72710 SANYO-LC72710 Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710LW SANYO-LC72710LW Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72711LW SANYO-LC72711LW Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
More results

Similar Description - LC72714

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com