Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2380IDE-16PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2380IDE-16PBF
Description  16-Bit, 2Msps, Low Power SAR ADC with 96dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2380IDE-16PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2380IDE-16PBF Datasheet HTML 5Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 6Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 7Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 8Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 9Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 10Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 11Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 12Page - Linear Technology LTC2380IDE-16PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2380-16
9
238016p
TIMING DIAGRAM
POWER-DOWN AND ACQUIRE
CONVERT
D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
SDO
SCK
CNV
CHAIN, RDL/SDI = 0
BUSY
238016 TD02
Conversion Timing Using the Serial Interface


Similar Part No. - LTC2380IDE-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2380-16 LINER-LTC2380-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2380-16 LINER-LTC2380-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2380-16 LINER-LTC2380-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2380IDE-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2380-16 LINER-LTC2380-16_15 Datasheet
514Kb / 26P
   16-Bit, 2Msps, Low Power SAR ADC with 96.2dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16_15 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2372-16 LINER-LTC2372-16 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com