Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8042IV-1PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTM8042IV-1PBF
Description  關Module Boost LED Driver and Current Source
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042IV-1PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM8042IV-1PBF Datasheet HTML 4Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 5Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 6Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 7Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 8Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 9Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 10Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 11Page - Linear Technology LTM8042IV-1PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM8042/LTM8042-1
8
80421fa
TYPICAL PERFORMANCE CHARACTERISTICS
RUN Pin Current vs Voltage
Efficiency vs VIN, Boost Operation,
6.7V at 350mA LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
10.9V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
13.6V at 1A LED String
Junction Temperature Rise
vs Load, Buck-Boost Mode,
15.5V at 350mA LED String
LTM8042-1
LED CURRENT (mA)
0
0
600
400
50
25
80421 G35
200
800
1000
10
5
20
35
30
45
40
15
12VIN
LED CURRENT (mA)
0
0
600
400
60
80421 G36
200
800
1000
10
20
30
50
40
16VIN
12VIN
LED CURRENT (mA)
0
0
200
100
250
150
25
80421 G37
50
300
350
5
10
20
15
12VIN
RUN VOLTAGE (V)
0
0
20
10
160
80421 G38
30
40
20
60
40
80
140
120
100
LTM8042/LTM8042-1
TA = 25°C, unless otherwise noted.
LTM8042
Efficiency vs VIN, Boost Operation,
9.7V at 350mA LED String
Efficiency vs VIN, Boost Operation,
12.6V at 350mA LED String
VIN (V)
2
65
34
95
80421 G39
56
70
80
75
85
90
VIN (V)
2.5
65
4.5
95
80421 G40
6.5
8.5
70
80
75
85
90
VIN (V)
3
65
57
95
80421 G41
911
70
80
75
85
90


Similar Part No. - LTM8042IV-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042 LINER-LTM8042 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
logo
Analog Devices
LTM8042 AD-LTM8042 Datasheet
1Mb / 22P
   36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
Rev. 0
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
More results

Similar Description - LTM8042IV-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
logo
Integrated Silicon Solu...
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
   Boost Type LED Driver with 12-Channel Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com