Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4085-3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4085-3
Description  USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4085-3 Datasheet(HTML) 3 Page - Linear Technology

  LTC4085-3 Datasheet HTML 1Page - Linear Technology LTC4085-3 Datasheet HTML 2Page - Linear Technology LTC4085-3 Datasheet HTML 3Page - Linear Technology LTC4085-3 Datasheet HTML 4Page - Linear Technology LTC4085-3 Datasheet HTML 5Page - Linear Technology LTC4085-3 Datasheet HTML 6Page - Linear Technology LTC4085-3 Datasheet HTML 7Page - Linear Technology LTC4085-3 Datasheet HTML 8Page - Linear Technology LTC4085-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4085-3
3
40853f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Limit
ILIM
Current Limit
RCLPROG = 2k (0.1%), HPWR = 5V
RCLPROG = 2k (0.1%), HPWR = 0V
475
90
500
100
525
110
mA
mA
IIN(MAX)
Maximum Input Current Limit
(Note 8)
2.4
A
RON
ON Resistance VIN to VOUT
IOUT = 100mA Load
215
VCLPROG
CLPROG Pin Voltage
RPROG = 2k
RPROG = 1k
0.98
0.98
1
1
1.02
1.02
V
V
ISS
Soft Start Inrush Current
IN or OUT
5
mA/μs
VCLEN
Input Current Limit Enable Threshold
Voltage
(VIN – VOUT) VIN Rising
(VIN – VOUT) VIN Falling
20
50
–60
80
mV
mV
Battery Charger
VFLOAT
Regulated Output Voltage
IBAT = 2mA
IBAT = 2mA, (0°C – 85°C)
3.915
3.910
3.95
3.95
3.985
3.990
V
V
IBAT
Current Mode Charge Current
RPROG = 100k (0.1%), No Load
RPROG = 50k (0.1%), No Load
465
900
500
1000
535
1080
mA
mA
IBAT(MAX)
Maximum Charge Current
(Note 8)
1.5
A
VPROG
PROG Pin Voltage
RPROG = 100k
RPROG = 50k
0.98
0.98
1
1
1.02
1.02
V
V
kEOC
Ratio of End-of-Charge Current to
Charge Current
VBAT = VFLOAT (3.95V)
0.085
0.1
0.11
mA/mA
ITRIKL
Trickle Charge Current
VBAT = 2V, RPROG = 100k (0.1%)
35
50
60
mA
VTRIKL
Trickle Charge Threshold Voltage
2.75
2.9
3
V
VCEN
Charger Enable Threshold Voltage
(VOUT – VBAT) Falling; VBAT = 4V
(VOUT – VBAT) Rising; VBAT = 4V
55
80
mV
mV
VRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG
60
95
130
mV
tTIMER
TIMER Accuracy
VBAT = 4.05V
–10
10
%
Recharge Time
Percent of Total Charge Time
50
%
Low Battery Trickle Charge Time
Percent of Total Charge Time, VBAT < 2.8V
25
%
TLIM
Junction Temperature in Constant
Temperature Mode
105
°C
Internal Ideal Diode
RFWD
Incremental Resistance, VON Regulation IBAT = 100mA
125
RDIO(ON)
ON Resistance VBAT to VOUT
IBAT = 600mA
215
VFWD
Voltage Forward Drop (VBAT – VOUT)IBAT = 5mA
IBAT = 100mA
IBAT = 600mA
10
30
55
160
50
mV
mV
mV
VOFF
Diode Disable Battery Voltage
2.8
V
IFWD
Load Current Limit, for VON Regulation
550
mA
ID(MAX)
Diode Current Limit
2.2
A
The indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VBAT = 3.7V, HPWR = 5V, WALL = 0V, RPROG = 100k,
RCLPROG = 2k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC4085-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
More results

Similar Description - LTC4085-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com