Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2871IUHFPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2871IUHFPBF
Description  RS232/RS485 Multiprotocol Transceivers with Integrated Termination
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2871IUHFPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2871IUHFPBF Datasheet HTML 3Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 4Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 5Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 6Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 7Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 8Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 9Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 10Page - Linear Technology LTC2871IUHFPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2870/LTC2871
7
28701f
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Supply Current
vs RS232 Data Rate
VCC Supply Current vs Supply
Voltage, All Transceivers at Max
Rate (LTC2871)
RS485 Driver Differential Output
Voltage vs Temperature
RS485 Driver Propagation Delay
vs Temperature
RS485 Driver Skew
vs Temperature
RS485 Driver Short-Circuit
Current vs Short-Circuit Voltage
VCC Supply Current vs Supply
Voltage in Shutdown Mode
VCC Supply Current vs Supply
Voltage in Fast Enable Mode
VCC Supply Current
vs RS485 Data Rate
INPUT VOLTAGE (V)
3
30
25
20
15
10
5
0
4.5
5
3.5
28701 G01
5.5
4
H/F LOW
H/F HIGH
SUPPLY VOLTAGE (V)
3
5
4
3
2
1
4.5
5
3.5
28701 G02
5.5
4
–40°C
25°C
85°C
ALL DRIVERS AND RECEIVERS DISABLED
TE485 LOW
DATA RATE (Mbps)
0.1
100
80
60
40
20
0
10
28701 G03
100
1
TE HIGH
TE LOW
VCC = 5V
VCC = 3.3V
ALL RS485 DRIVERS
AND RECEIVERS
SWITCHING.
CL = 100pF ON EACH
DRIVER OUTPUT.
DATA RATE (kbps)
0
35
30
25
15
20
10
5
400
28701 G04
500
300
200
100
0.05nF
0.05nF
0.5nF
0.5nF
2.5nF
2.5nF
VCC = 5V
VCC = 3.3V
ALL RS232 DRIVERS
AND RECEIVERS
SWITCHING.
SUPPLY VOLTAGE (V)
3
120
110
100
90
80
70
4.5
5
3.5
28701 G05
5.5
4
85°C
ALL DRIVERS AND
RECEIVERS SWITCHING.
DRIVER OUTPUTS TIED TO
RECEIVER INPUTS.
RS232: 0.5Mbps (CL = 500pF)
RS485: 20Mbps (CL = 100pF)
TE485 HIGH
25°C
–40°C
TEMPERATURE (°C)
–50
4.5
3.5
2.5
1.5
4.0
3.0
2.0
1.0
0.5
0
50
75
–25
28701 G06
100
25
0
RL = 100Ω
RL = 54Ω
RL = 100Ω
RL = 54Ω
VCC = 5V
VCC = 3.3V
TEMPERATURE (°C)
–50
50
40
30
20
10
0
50
75
–25
28701 G06
100
25
0
VCC = 3.3V, VL = 1.7V
VCC = 5V, VL = 1.7V
VCC = 3.3V, VL = 3.3V
VCC = 5V, VL = 5V
TEMPERATURE (°C)
–50
3.0
2.5
1.5
2.0
1.0
0.5
0
50
75
–25
28701 G08
100
25
0
SHORT-CIRCUIT VOLTAGE (V)
–10
150
100
0
50
–50
–100
–150
10
–5
28701 G09
15
5
0
OUTPUT LOW
OUTPUT HIGH
VCC = 5V
VCC = 3.3V
TA = 25°C, VCC = VL = 3.3V, unless otherwise noted.


Similar Part No. - LTC2871IUHFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2871 LINER-LTC2871 Datasheet
398Kb / 24P
   Complete Isolated RS485/RS422 關Module
logo
Analog Devices
LTC2871 AD-LTC2871 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
More results

Similar Description - LTC2871IUHFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com