Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72709E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72709E
Description  FM Multiplex Reception IC for Mobile Systems
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72709E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72709E Datasheet HTML 1Page - Sanyo Semicon Device LC72709E Datasheet HTML 2Page - Sanyo Semicon Device LC72709E Datasheet HTML 3Page - Sanyo Semicon Device LC72709E Datasheet HTML 4Page - Sanyo Semicon Device LC72709E Datasheet HTML 5Page - Sanyo Semicon Device LC72709E Datasheet HTML 6Page - Sanyo Semicon Device LC72709E Datasheet HTML 7Page - Sanyo Semicon Device LC72709E Datasheet HTML 8Page - Sanyo Semicon Device LC72709E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
No. 5876-4/16
LC72709E, 72709W
Pin Descriptions
Pin No.
Pin Name
Function
I/O
Circuit type
LC72709E LC72709W
CL
CE
DI
RST
STNBY
TEST
28
29
30
33
32
40
CCB serial interface
Clock input
Data control input
Data input
System reset input (active low)
Standby mode (active high)
Test (Must be connected to ground during normal operation.)
Input
Input
TP0
TP1
TP2
TP3
TP4
TP5
TP6
TP7
TP8
TPC1
TPC2
TOSEL1
TOSEL2
9
12
13
14
15
16
17
18
19
41
42
5
6
Must be connected to either VDD or VSS.
Output
Output
CLK16
DATA
FCK
BCK
FLOCK
BLOCK
CRC4
INT
7
8
20
21
22
25
26
27
Clock regeneration monitor
Demodulated data monitor
Frame start signal output
Block start signal output
Outputs a high level during frame synchronization.
Outputs a high level during block synchronization.
Layer 4 CRCC check result output
External CPU interrupt signal
IC1
IC2
3
4
Internal connections. These pins must be left open.
DO
31
Data output used by the CCB serial interface
Input
Output
XIN
XOUT
44
1
System clock generation crystal oscillator element
connections
Input
MPXIN
36
Baseband (multiplex) signal input
Output
FLOUT
38
Subcarrier output (76-kHz filter output)
Input
CIN
39
Subcarrier input (comparator input)
40
42
43
47
46
58
13
18
19
20
22
23
24
26
27
59
61
7
9
10
11
29
30
31
36
38
39
5
6
44
63
2
52
55
57
Continued on next page.


Similar Part No. - LC72709E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72700 SANYO-LC72700 Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72700G SANYO-LC72700G Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72705 SANYO-LC72705 Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
More results

Similar Description - LC72709E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
logo
Panasonic Semiconductor
AN7261FBQ PANASONIC-AN7261FBQ Datasheet
54Kb / 5P
   FM multiplex reception IC
logo
Sanyo Semicon Device
LC72705E SANYO-LC72705E Datasheet
166Kb / 14P
   FM Multiplex Receiver IC for VICS Systems
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LV3403M SANYO-LV3403M Datasheet
49Kb / 3P
   3 V Operation Filter for FM Multiplex Broadcasting Reception
logo
OKI electronic componet...
MSM9562 OKI-MSM9562 Datasheet
108Kb / 10P
   IC for FM Multiplex Data Demodulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com