Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5564 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5564
Description  UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5564 Datasheet(HTML) 4 Page - Linear Technology

  LTC5564 Datasheet HTML 1Page - Linear Technology LTC5564 Datasheet HTML 2Page - Linear Technology LTC5564 Datasheet HTML 3Page - Linear Technology LTC5564 Datasheet HTML 4Page - Linear Technology LTC5564 Datasheet HTML 5Page - Linear Technology LTC5564 Datasheet HTML 6Page - Linear Technology LTC5564 Datasheet HTML 7Page - Linear Technology LTC5564 Datasheet HTML 8Page - Linear Technology LTC5564 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC5564
4
5564f
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Offset vs Temperature
GAIN1
VOUT Offset vs Temperature
GAIN2
VOUT Offset vs Temperature
GAIN4
VOUT Offset vs Temperature
GAIN8
Demodulation Bandwidth
Demodulation Bandwidth vs VOUT
VOUT Offset vs Supply Voltage
VOUT Pulse Response = –10dBm
VOUT Pulse Response, PIN = 8dBm
FREQUENCY (MHz)
0.01
0.1
1
10
100
1000
5564 G01
–50
30
20
10
–10
–20
–30
–40
0
VOUT = 500mV
GAIN8
GAIN4
GAIN2
GAIN1
VCC (V)
3
400
350
300
250
5
5564 G05
3.5
4
4.5
5.5
GAIN8
GAIN4
GAIN2
GAIN1
TEMPERATURE (°C)
–40
230
250
270
290
310
350
–20
0
20
40
60
5565 G06
80
330
VCC = 5V
3 STDEV
AVERAGE
–3 STDEV
TEMPERATURE (°C)
–40
250
270
290
310
350
–20
0
20
40
60
5565 G07
80
330
VCC = 5V
3 STDEV
AVERAGE
–3 STDEV
TEMPERATURE (°C)
–40
270
290
310
230
250
330
350
370
410
–20
0
20
40
60
5565 G08
80
390
VCC = 5V
3 STDEV
AVERAGE
–3 STDEV
TEMPERATURE (°C)
–40
190
140
240
340
290
390
490
440
590
–20
0
20
40
60
5565 G09
80
540
VCC = 5V
3 STDEV
AVERAGE
–3 STDEV
10ns/DIV
5564 G03
VOUT
500mV/DIV
ASK MODULATED RF
INPUT SIGNAL START
VCC = 5V
ASK MODULATION FREQUENCY 2.7GHz
GAIN1
10ns/DIV
5564 G04
VOUT
50mV/DIV
ASK MODULATED RF
INPUT SIGNAL START
VCC = 5V
ASK MODULATION FREQUENCY 2.7GHz
GAIN1
VOUT (mV)
200
40
50
60
500
5564 G02
30
20
0
250
300
350
400
450
10
80
70
85°C
25°C
–40°C
GAIN1
GAIN2
GAIN4
GAIN8


Similar Part No. - LTC5564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5564 LINER-LTC5564 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564_1 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
More results

Similar Description - LTC5564

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
LTC5564 LINER-LTC5564_1 Datasheet
228Kb / 14P
   UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LTC5536 LINER-LTC5536 Datasheet
165Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
LTC5536 LINER-LTC5536_15 Datasheet
170Kb / 12P
   600MHz to 7GHz Precision RF Detector with Fast Comparator Output
logo
Everlight Electronics C...
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
   Fast response time
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
   Fast response time
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
   Fast response time
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
   Fast response time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com