Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72366 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72366
Description  Single-Chip PLL Microcontrollers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72366 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72366 Datasheet HTML 1Page - Sanyo Semicon Device LC72366 Datasheet HTML 2Page - Sanyo Semicon Device LC72366 Datasheet HTML 3Page - Sanyo Semicon Device LC72366 Datasheet HTML 4Page - Sanyo Semicon Device LC72366 Datasheet HTML 5Page - Sanyo Semicon Device LC72366 Datasheet HTML 6Page - Sanyo Semicon Device LC72366 Datasheet HTML 7Page - Sanyo Semicon Device LC72366 Datasheet HTML 8Page - Sanyo Semicon Device LC72366 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CMOS LSI
Ordering number : EN5065A
63096HA (OT)/62295TH (OT) No. 5065-1/13
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Single-Chip PLL Microcontrollers
LC72358N, 72362N, 72366
Overview
The LC72358N, LC72362N, and LC72366 are 1.33 µs
instruction execution time single-chip microcontrollers for
electronic tuning applications. These products incorporate
a high-speed locking circuit and a high-performance direct
PLL circuit that can control the local oscillator C/N
characteristics. These products have 256 or 512 bytes of
RAM and 16K, 24K or 32K bytes of program ROM on
chip, and incorporate a three-channel serial I/O interface,
a six-channel A/D converter and other interfaces.
Features
• ROM
— LC72358N: 8K steps (8191
× 16 bits)
— LC72362N: 12K steps (12287
× 16 bits)
— LC72366: 16K steps (16383
× 16 bits)
The subroutine area in both products is 4K steps
(4095
× 16 bits).
• RAM
— LC72358N, 72362N: 512
× 4 bits (banks 0 to 7)
— LC72366: 1K
× 4 bits (banks 0 to F)
• Stack: Eight levels
• Serial I/O: Three channels (8-bit 3-wire format)
There are three internal serial clocks: 12.5 kHz,
37.5 kHz and 187.5 kHz.
• External interrupts:
Two channels (the INT0 and INT1 pins)
Switching between rising and falling edge detection is
supported.
• Internal interrupts:
Three channels
— Two internal timer interrupt channels
The timers provide eight interrupt periods: 100 µs,
1 ms, 2 ms, 5 ms, 10 ms, 50 ms, 125 ms and 250 ms.
— One serial I/O interrupt channel
• Multiple interrupt levels:
Four levels
Hardware priority order
INT0 pin > INT1 pin > SI/O pin > internal timer 0 >
internal timer 1
• A/D converter: Six channels (6-bit successive approx-
imation type)
• General-purpose ports
— Input ports: 10
— Output ports: 28
— I/O ports: 25 (These pins can be switched between
input and output in bit units.)
• PLL block
— Built-in sub-charge pump for high-speed locking
— Support for dead zone control
— Built-in unlock detection circuit
— Twelve reference frequencies: 1, 3, 3.125, 5, 6.25, 9,
10, 12.5, 25, 30, 50 and 100 kHz
• Universal counter: 20 bits
Supports frequency and period
measurement with counting periods
of 1, 4, 8 and 32 ms.
• Timers: Timer interrupt periods
100 µs, 1 ms, 2 ms, 5 ms, 10 ms, 50 ms, 125 ms
and 250 ms
• Beep: Six frequencies: 2.08 kHz, 2.25 kHz, 2.5 kHz,
3.0 kHz, 3.75 kHz, 4.17 kHz.
• Reset: Built-in voltage detection type reset circuit
• Cycle time: 1.33 µs (all instructions execute in one
cycle)
• Halt mode: The microcontroller operating clock is
stopped in halt mode.
There are four types of event that clear halt
mode: interrupt requests, timer FF
overflows, key inputs, and hold pin inputs.
• Operating supply voltage: 4.5 to 5.5 V (3.5 to 5.5 V
when only the controller
block operates)
• Package: QFP80E (QIP80E)
• OTP version: LC72P366
• Development tools: Emulator .................RE32N
Evaluation chip.......LC72EV350
Evaluation chip board
................................EB-72EV350
This LSI can easily use CCB that is SANYO’s original bus format.
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Similar Part No. - LC72366

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC723662 SANYO-LC723662 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC723663 SANYO-LC723663 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
More results

Similar Description - LC72366

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83714 RENESAS-H83714 Datasheet
780Kb / 324P
   single-chip microcontrollers
logo
Sanyo Semicon Device
LC72336 SANYO-LC72336 Datasheet
185Kb / 16P
   Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
   Single-Chip CMOS Microcontrollers
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Motorola, Inc
M68HC11CPU MOTOROLA-M68HC11CPU Datasheet
346Kb / 31P
   Single-Chip Microcontrollers (AMCU)
logo
National Semiconductor ...
COP8640C NSC-COP8640C Datasheet
50Kb / 1P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
COP8720C NSC-COP8720C Datasheet
831Kb / 19P
   SINGLE-CHIP MICROCMOS MICROCONTROLLERS
logo
Sanyo Semicon Device
LC7230-8272 SANYO-LC7230-8272 Datasheet
537Kb / 22P
   Single-chip PLL Controller
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com