Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72347 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72347
Description  Ultralow-Voltage ETR Controller with On-Chip LCD Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72347 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72347 Datasheet HTML 1Page - Sanyo Semicon Device LC72347 Datasheet HTML 2Page - Sanyo Semicon Device LC72347 Datasheet HTML 3Page - Sanyo Semicon Device LC72347 Datasheet HTML 4Page - Sanyo Semicon Device LC72347 Datasheet HTML 5Page - Sanyo Semicon Device LC72347 Datasheet HTML 6Page - Sanyo Semicon Device LC72347 Datasheet HTML 7Page - Sanyo Semicon Device LC72347 Datasheet HTML 8Page - Sanyo Semicon Device LC72347 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
No. 6651-2/12
LC72346W, 72347W
Continued from preceding page.
• Backup mode: The crystal oscillator is stopped.
• Static power-on function:
Backup state is cleared with the PF port
• Beep tone: 1.5 and 3.1 kHz
• Built-in DC-DC converter:
For LCD and A/D converter use (3 V)
Can also be used for TU + B creation by using a
secondary coil.
• Built-in remaining battery life verification function:
Converts the VDD pin level to digital.
• Memory retention voltage: 0.5 V or higher
• Dedicated memory power supply: The RAM retention
time has been increased by the provision of a dedicated
memory power supply.
• Package: SQFP-64 (0.5-mm pitch)
• VDD power supply: 0.9 to 1.8 V
Pin Assignment
61
62
63
64
58
59
60
55
56
57
52
53
54
49
50
51
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
15
16
33
31 32
29 30
27 28
25 26
23 24
21 22
19 20
17 18
13
14
11
12
9
10
7
8
5
6
3
4
S5
XOUT
1
S6
TEST2
S7
PA3
S8
PA2
S9
PA1
S10
LC72346W
LC72347W
PA0
S11
PB3
S12
PB2
S13/PH0
PB1
S14/PH1
PB0
S15/PH2
PC3
S16/PH3
PC2
S17/PG0
PC1
S18/PG1
PC0
S19/PG2
PD3
PD2
S20/PG3
2


Similar Part No. - LC72347

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Similar Description - LC72347

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com