Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72347W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC72347W
Description  Ultralow-Voltage ETR Controller with On-Chip LCD Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72347W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC72347W Datasheet HTML 1Page - Sanyo Semicon Device LC72347W Datasheet HTML 2Page - Sanyo Semicon Device LC72347W Datasheet HTML 3Page - Sanyo Semicon Device LC72347W Datasheet HTML 4Page - Sanyo Semicon Device LC72347W Datasheet HTML 5Page - Sanyo Semicon Device LC72347W Datasheet HTML 6Page - Sanyo Semicon Device LC72347W Datasheet HTML 7Page - Sanyo Semicon Device LC72347W Datasheet HTML 8Page - Sanyo Semicon Device LC72347W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ordering number : ENN*6651
N1501TN (OT) No. 6651-1/12
Overview
The LC72346W and LC72347W are ultralow-voltage
electronic tuning microcontrollers that include a PLL that
operates up to 250 MHz and a 1/4 duty 1/2 bias LCD
driver on chip. This IC includes an on-chip DC-DC
converter that can easily create the power supply voltages
needed for electronic tuning and contribute to reducing
end product costs. This IC is optimal for portable audio
equipment that must operate from a single battery.
Function
• Program memory (ROM):
— 4096
× 16 bits (8K bytes) : LC72346
— 6144
× 16 bits (12K bytes): LC72347
• Data memory (RAM):
— 256
× 4 bits: LC72346
— 512
× 4 bits: LC72347
• Cycle time:
40 µs (all 1-word instructions) at 75kHz crystal oscillation
• Stack: 8 levels
• LCD driver: 48 to 80 segments (1/4 duty, 1/2 bias drive)
• Interrupts: Two external interrupts
Timer interrupts (1, 5, 10, and 50 ms)
• A/D converter:
Four input channels (6-bit successive approximation
conversion)
• Input ports: 7 ports (of which three can be switched for
use as A/D converter inputs)
• Output ports: 6 ports (of which 1 can be switched for use
as the beep tone output and 2 are open-drain ports)
• I/O ports: 20 ports (of which 8 can be switched for use
as LCD ports and as mask options, of which 3 can be
switched for use as serial I/O ports)
• Serial I/O: One system (LC72347)
• PLL: Reference frequencies:
1, 3, 3.125, 5, 6.25, 12.5, and 25 kHz
• Input frequencies: FM band: 10 to 250 MHz
AM band (high): 2 to 20 MHz
AM band (low): 0.5 to 10 MHz
• Input sensitivity:
FM band: 35 mVrms (50 mVrms at 130 MHz or higher
frequency)
AM band (high, low): 35 mVrms
• External reset input: During CPU and PLL operations,
instruction execution is started from location 0.
• Built-in power-on reset circuit:
The CPU starts execution from location 0 when power is
first applied.
• Halt mode: The controller-operating clock is stopped.
Continued on next page.
Package Dimensions
unit: mm
3190-SQFP64
1.25
0.5
1.25
0.18
12.0
116
17
32
33
48
49
64
10.0
0.5
0.5
0.15
Preliminary
SANYO: SQFP64
[LC72346W, 72347W]
LC72346W, 72347W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ultralow-Voltage ETR Controller
with On-Chip LCD Driver
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - LC72347W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72341 SANYO-LC72341 Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341G SANYO-LC72341G Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
LC72341W SANYO-LC72341W Datasheet
195Kb / 12P
   Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
More results

Similar Description - LC72347W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC723461W SANYO-LC723461W Datasheet
105Kb / 13P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72314W SANYO-LC72314W Datasheet
129Kb / 12P
   Ultralow-Voltage ETR Controller with On-Chip LCD Driver
LC72348G SANYO-LC72348G Datasheet
119Kb / 14P
   Low-Voltage ETR Controller with On-Chip LCD Driver
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC723481W SANYO-LC723481W Datasheet
117Kb / 15P
   Low-Voltage ETR-Controller
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sitronix Technology Co....
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
   Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com