Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CEM9407A Datasheet(PDF) 1 Page - Chino-Excel Technology

Part No. CEM9407A
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM9407A Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEM9407A_10 Datasheet HTML 1Page - Chino-Excel Technology CEM9407A_10 Datasheet HTML 2Page - Chino-Excel Technology CEM9407A_10 Datasheet HTML 3Page - Chino-Excel Technology CEM9407A_10 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P-Channel Enhancement Mode Field Effect Transistor
CEM9407A
FEATURES
-60V, -3.7A, RDS(ON) = 125mΩ @VGS = -10V.
RDS(ON) = 165mΩ @VGS = -4.5V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
Surface mount Package.
ABSOLUTE MAXIMUM RATINGS TA = 25 C unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation
VDS
VGS
ID
PD
IDM
-60
2.5
-14.8
-3.7
±20
V
W
A
A
V
1
SO-8
1
D
D
D
D
S
S
S
G
1
2
3
4
8
7
6
5
Lead free product is acquired.
5
http://www.cetsemi.com
Rev 4. 2010.Mar.
Specification and data are subject to change without notice .
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient b
Parameter
Symbol
Limit
Units
C/W
50
RθJA
PRELIMINARY


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn