Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM6200 Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEM6200
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEM6200 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEM6200 Datasheet HTML 1Page - Chino-Excel Technology CEM6200 Datasheet HTML 2Page - Chino-Excel Technology CEM6200 Datasheet HTML 3Page - Chino-Excel Technology CEM6200 Datasheet HTML 4Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CEM6200
3
VDS, Drain-to-Source Voltage (V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
VDS, Drain-to-Source Voltage (V)
Figure 3. Capacitance
TJ, Junction Temperature( C)
Figure 5. Gate Threshold Variation
with Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
VDS=VGS
ID=250µA
-50 -25 0 25 50 75 100 125 150
VSD, Body Diode Forward Voltage (V)
Figure 6. Body Diode Forward Voltage
Variation with Source Current
TJ, Junction Temperature( C)
Figure 4. On-Resistance Variation
with Temperature
10
0
10
-1
10
1
0.4
0.6
0.8
1.0
1.4
1.2
VGS=0V
5
1
2
4
5
0
6
4
3
2
1
0
TJ=125 C
-55 C
25 C
2.2
1.9
1.6
1.3
1.0
0.7
0.4
VGS=10V
ID=1.5A
-100
-50
0
50
100
150
200
Ciss
Coss
Crss
250
300
200
150
100
50
0
0
5
10
15
20
25
10
8
6
4
2
0
0
2
4
8
6
VGS=10,8,6V
VGS=3V
VGS=4V


Similar Part No. - CEM6200

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM6056 CET-CEM6056 Datasheet
423Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM6056 CET-MOS-CEM6056 Datasheet
497Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2010.May
CEM6056L CET-MOS-CEM6056L Datasheet
653Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 3. 2015.Dec
CEM6072AL CET-MOS-CEM6072AL Datasheet
424Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.June
CEM6078 CET-MOS-CEM6078 Datasheet
709Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2023.Feb
More results

Similar Description - CEM6200

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com