Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72322R Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC72322R
Description  Single-Chip Microcontroller with PLL and LCD Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72322R Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72322R Datasheet HTML 5Page - Sanyo Semicon Device LC72322R Datasheet HTML 6Page - Sanyo Semicon Device LC72322R Datasheet HTML 7Page - Sanyo Semicon Device LC72322R Datasheet HTML 8Page - Sanyo Semicon Device LC72322R Datasheet HTML 9Page - Sanyo Semicon Device LC72322R Datasheet HTML 10Page - Sanyo Semicon Device LC72322R Datasheet HTML 11Page - Sanyo Semicon Device LC72322R Datasheet HTML 12Page - Sanyo Semicon Device LC72322R Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Continued from preceding page.
No. 5378-9/13
LC72322R, 72323R
Pin
Pin No.
Functions
I/O
I/O circuit type
HCTR
LCTR
ADI
INT
EO1
EO2
SNS
HOLD
RES
XIN
XOUT
TEST1
TEST2
VDD
VSS
75
74
76
79
68
67
73
78
77
64
65
66
63
34, 72
69
Universal counter input
The input must be capacitor coupled.
The input frequency range is from 0.4 to 12 MHz.
This input can be effectively used for FM IF or AM IF counting.
Universal counter input
The input must be capacitor coupled for input frequencies in
the range 100 to 150 kHz.
Capacitor coupling is not required for input frequencies from
1 Hz to 20 kHz.
This input can be effectively used for AM IF counting.
A/D converter input
A 1.28 ms period is required for a 6-bit sequential comparison
conversion. The full scale input is ((63/96) · VDD) for a data
value of 3FH.
External interrupt request input
An interrupt is generated when the INTEN flag is set (by an
SS instruction) and a falling edge is input.
Reference frequency and programmable divider phase
comparison error outputs
Charge pump circuits are built in.
EO1 and EO2 are the same.
Input pin used to determine if a power outage has occurred in
BACKUP mode
This pin can also be used as a normal input port.
Input pin used to force the ICs to HOLD mode
The IC goes to HOLD mode when the HOLDEN flag is set (by
an SS instruction) and the HOLD input goes low.
A high-breakdown voltage circuit is used so that this input can
be used in conjunction with the normal power switch.
System reset input
This signal should be held low for 75 ms after power is first
applied to effect a power-up reset.
The reset starts when a low level has been input for at least
six reference clock cycles.
Crystal oscillator connections
(4.5 MHz)
A feedback resistor is built in.
LSI test pins. These pins must be connected to VSS.
Power supply
Input
Input
Input
Output
Input
Input
Input
Input
Output


Similar Part No. - LC72322R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72322N SANYO-LC72322N Datasheet
357Kb / 13P
   LC72321N
More results

Similar Description - LC72322R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7232-8377 SANYO-LC7232-8377 Datasheet
852Kb / 33P
   Single-chip PLL and Microcontroller with LCD Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com