Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMD4D11-100MC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # CMD4D11-100MC
Description  ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CMD4D11-100MC Datasheet(HTML) 3 Page - Diodes Incorporated

  CMD4D11-100MC Datasheet HTML 1Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 2Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 3Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 4Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 5Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 6Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 7Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 8Page - Diodes Incorporated CMD4D11-100MC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXLD1601
SEMICO NDUC TORS
ISSUE 3 - AUGUST 2004
3
Symbol Parameter
Conditions
Min
Typ
Max
Units
T/T
PWM duty cycle range at
‘EN’ input for dc output
voltage control
10kHz<f< 100kHz, VENH =VIN
20
100
%
fLPF
Internal PWM low pass filter
cut-off frequency
4
kHz
ALPF
Filter attenuation
f=30kHz
52.5
dB
T/T
(4)
PWM duty cycle range at
‘EN’ input for ‘gated’ output
voltage control
f < 1kHz, VENH =VIN
0
100
%
ELECTRICAL CHARACTERISTICS (Cont.): (Test conditions: VIN=VEN=3V, TAMB=25°C unless otherwise stated
(1)
)
NOTES:
4 The maximum PWM signal frequency during this mode of operation should be kept as low as possible to minimize errors due to the turn-off
delay


Similar Part No. - CMD4D11-100MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CMD4D11-100MC DIODES-CMD4D11-100MC Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
More results

Similar Description - CMD4D11-100MC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
ZXLD1615 ZETEX-ZXLD1615 Datasheet
180Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN TSOT23-5
logo
ams AG
AS1344 AMSCO-AS1344 Datasheet
1Mb / 19P
   42V, DC-DC Boost Converter with adjustable Softstart
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
MicroPower Direct, LLC
IGD1208W MPD-IGD1208W Datasheet
511Kb / 2P
   Internal DC/DC Converter
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com