Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3512EMSPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3512EMSPBF
Description  Monolithic High Voltage Isolated Flyback Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3512EMSPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3512EMSPBF Datasheet HTML 4Page - Linear Technology LT3512EMSPBF Datasheet HTML 5Page - Linear Technology LT3512EMSPBF Datasheet HTML 6Page - Linear Technology LT3512EMSPBF Datasheet HTML 7Page - Linear Technology LT3512EMSPBF Datasheet HTML 8Page - Linear Technology LT3512EMSPBF Datasheet HTML 9Page - Linear Technology LT3512EMSPBF Datasheet HTML 10Page - Linear Technology LT3512EMSPBF Datasheet HTML 11Page - Linear Technology LT3512EMSPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3512
8
3512f
PSUEDO DC THEORY
In the Block Diagram, RREF (R4) and RFB (R3) are external
resistors used to program the output voltage. The LT3512
operates similar to traditional current mode switchers,
except in the use of a unique error amplifier, which derives
its feedback information from the flyback pulse.
Operation is as follows: when the output switch, Q1, turns
off, its collector voltage rises above the VIN rail. The am-
plitude of this flyback pulse, i.e., the difference between
it and VIN, is given as:
VFLBK = (VOUT + VF + ISEC • ESR) • NPS
VF = D1 forward voltage
ISEC = Transformer secondary current
ESR = Total impedance of secondary circuit
NPS = Transformer effective primary-to-secondary turns
ratio
RFBandQ2converttheflybackvoltageintoacurrent.Nearly
all of this current flows through RREF to form a ground-
referred voltage. The resulting voltage forms the input
to the flyback error amplifier. The flyback error amplifier
samples the voltage information when the secondary side
winding current is zero. The bandgap voltage, 1.20V, acts
as the reference for the flyback error amplifier.
The relatively high gain in the overall loop will then cause
the voltage at RREF to be nearly equal to the bandgap
reference voltage VBG. The resulting relationship between
VFLBK and VBG approximately equals:
VFLBK
RFB
⎝⎜
⎠⎟
=
VBG
RREF
or VFLBK = VBG
RFB
RREF
⎝⎜
⎠⎟
VBG = Internal bandgap reference
Combination of the preceding expression with earlier
derivation of VFLBK results in the following equation:
VOUT = VBG
RFB
RREF
⎝⎜
⎠⎟
1
NPS
⎝⎜
⎠⎟
− VF −ISEC (ESR)
The expression defines VOUT in terms of the internal ref-
erence, programming resistors, transformer turns ratio
and diode forward voltage drop. Additionally, it includes
APPLICATIONS INFORMATION
the effect of nonzero secondary output impedance (ESR).
Boundary control mode minimizes the effect of this im-
pedance term.
Temperature Compensation
The first term in the VOUT equation does not have tem-
perature dependence, but the diode forward drop has a
significant negative temperature coefficient. A positive
temperature coefficient current source connects to the
RREF pin to compensate. A resistor to ground from the
TC pin sets the compensation current.
The following equation explains the cancellation of the
temperature coefficient:
δVF
δT
=−
RFB
RTC
1
NPS
δVTC
δT
or,
RTC =
−RFB
NPS
1
δVF / δT
δVTC
δT
RFB
NPS
(
δVFT) = Diode’s forward voltage temperature coefficient
(
δVTC/δT) = 2mV
VTC = 0.55V
Experimentally verify the resulting value of RTCandadjustas
necessary to achieve optimal regulation over temperature.
The addition of a temperature coefficient current modifies
the expression of output voltage as follows:
VOUT = VBG
RFB
RREF
⎝⎜
⎠⎟
1
NPS
⎝⎜
⎠⎟
− VF
VTC
RTC
⎝⎜
⎠⎟
RFB
NPS
–ISEC (ESR)
Output Power
A flyback converter has a complicated relationship be-
tween the input and output current compared to a buck
or a boost. A boost has a relatively constant maximum
input current regardless of input voltage and a buck has a
relatively constant maximum output current regardless of
input voltage. This is due to the continuous nonswitching
behavior of the two currents. A flyback converter has both
discontinuous input and output currents which makes it


Similar Part No. - LT3512EMSPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3512 LINER-LT3512 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3512 LINER-LT3512 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LT3512 LINER-LT3512 Datasheet
732Kb / 48P
   Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
logo
Analog Devices
LT3512 AD-LT3512 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3512 AD-LT3512 Datasheet
1Mb / 24P
   42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
More results

Similar Description - LT3512EMSPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_15 Datasheet
313Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter
LT3511 LINER-LT3511 Datasheet
277Kb / 26P
   Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
   Isolated Flyback Converter
09.Dec.2022 Rev.004
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
logo
Monolithic Power System...
EV3908DK-00C MPS-EV3908DK-00C Datasheet
296Kb / 6P
   High Efficiency Isolated Flyback Converter EV Board
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB Datasheet
1Mb / 31P
   Optocoupler-less Isolated Flyback Converter
BD7F100HFN-LB ROHM-BD7F100HFN-LB Datasheet
2Mb / 32P
   Optocoupler-less Isolated Flyback Converter
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
   Micropower No-Opto Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
   MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com