Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY897132LKYTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY897132LKYTR
Description  1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY897132LKYTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY897132LKYTR Datasheet HTML 1Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 2Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 3Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 4Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 5Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 6Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 7Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 8Page - Micrel Semiconductor SY897132LKYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY897132L
January 2011
5
M9999-011911-G
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = 3.135V to 3.465V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Frequency
NRZ Data
1.5
Gbps
tPD
Propagation Delay
Figure 1a
0.4
4
ns
tJitter
Deterministic Jitter
Note 8
40
pspp
tR, tF
Output Rise/Fall Times
(20% to 80%)
At full output swing.
140
175
ps
Duty Cycle
47
53
%
TENABLE
Output Enable Time
(OE LOW to HIGH)
See Figure 1b
8
20
ns
TDISABLE
Output Disable Time
(OE HIGH to LOW)
See Figure 1b
3
10
ns
Notes:
6. Output-to-Output skew is the difference in time between both outputs, receiving data from the same input, for the same temperature, voltage and
transition.
7. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the
respective inputs.
8. Deterministic jitter is measured at 1.5Gbps with both K28.5 and 2
23–1 PRBS pattern.


Similar Part No. - SY897132LKYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY897132LKG MICREL-SY897132LKG Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
SY897132LKGTR MICREL-SY897132LKGTR Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
More results

Similar Description - SY897132LKYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY897132L MICREL-SY897132L Datasheet
266Kb / 10P
   1.5Gbps Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
logo
ON Semiconductor
NB4N7132 ONSEMI-NB4N7132_11 Datasheet
149Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet HDTV and SATA
July, 2011 ??Rev. 1
NB4N7132 ONSEMI-NB4N7132 Datasheet
103Kb / 6P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
February, 2008 - Rev. 0
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
logo
Vitesse Semiconductor C...
VSC7132-01 VITESSE-VSC7132-01 Datasheet
94Kb / 2P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
VSC7132 VITESSE-VSC7132 Datasheet
101Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
logo
Texas Instruments
SN65LVCP15 TI1-SN65LVCP15_14 Datasheet
216Kb / 12P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
SN65LVCP15 TI-SN65LVCP15 Datasheet
302Kb / 9P
[Old version datasheet]   Link Replicator for Fibre Channel, Gigabit Ethernet, and HDTV Data Rates
logo
Vitesse Semiconductor C...
VSC7182 VITESSE-VSC7182 Datasheet
233Kb / 18P
   Quad Transceiver for Gigabit Ethernet and Fibre Channel
logo
MRV Communications, Inc...
SFP-G-MMX MRV-SFP-G-MMX Datasheet
43Kb / 1P
   Gigabit Ethernet and Fibre Channel SFPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com