Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89871UMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89871UMG
Description  2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89871UMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89871UMG Datasheet HTML 1Page - Micrel Semiconductor SY89871UMG Datasheet HTML 2Page - Micrel Semiconductor SY89871UMG Datasheet HTML 3Page - Micrel Semiconductor SY89871UMG Datasheet HTML 4Page - Micrel Semiconductor SY89871UMG Datasheet HTML 5Page - Micrel Semiconductor SY89871UMG Datasheet HTML 6Page - Micrel Semiconductor SY89871UMG Datasheet HTML 7Page - Micrel Semiconductor SY89871UMG Datasheet HTML 8Page - Micrel Semiconductor SY89871UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY89871U
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Two matched-delay outputs:
Bank A: undivided pass-through (QA)
Bank B: programmable divide by
2, 4, 8, 16 (QB0, QB1)
Matched delay: all outputs have matched delay,
independent of divider setting
Guaranteed AC performance:
>2.5GHz fMAX
<250ps tr/tf
<670ps tpd (matched delay)
<15ps within-device skew
Low jitter design
<1psRMS cycle-to-cycle jitter
<10psPP total jitter
Power supply 3.3V or 2.5V
Unique patent-pending input termination and VT pin
for DC- and AC-coupled inputs: any differential
inputs (LVPECL, LVDS, CML, HSTL)
TTL/CMOS inputs for select and reset
100K EP compatible LVPECL outputs
Parallel programming capability
Wide operating temperature range: –40°C to +85°C
Available in 16-pin (3mm x 3mm) MLF® package
FEATURES
APPLICATIONS
OC-3 to OC-192 SONET/SDH applications
Transponders
Oscillators
SONET/SDH line cards
1
Rev.: F
Amendment: /0
Issue Date:
August 2007
The SY89871U is a 2.5V/3.3V LVPECL output precision
clock divider capable of accepting a high-speed differential
clock input (AC or DC-coupled) CML, LVPECL, HSTL or
LVDS clock input signal and dividing down the frequency
using a programmable divider ratio to create a frequency-
locked lower speed version of the input clock (Bank B).
Available divider ratios are 2, 4, 8 and 16. In a typical
622MHz clock system this would provide availability of
311MHz, 155MHz, 77MHz, or 38MHz auxiliary clock
components.
The differential input buffer has a unique internal
termination design that allows access to the termination
network through a VT pin. This feature allows the device to
easily interface to different logic standards. A V
REF-AC
reference is included for AC-coupled applications.
The SY89871U includes two phase-matched output
banks. Bank A (QA) is a frequency-matched copy of the
input. Bank B (QB0, QB1) is a divided down output of the
input frequency. Bank A and Bank B maintain a matched
delay independent of the divider setting.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
Precision Edge®
Precision Edge®
SY89871U
2.5GHz ANY DIFF. IN-TO-LVPECL
PROGRAMMABLE CLOCK DIVIDER/
FANOUT BUFFER W/INTERNAL TERMINATION
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
IN
50
50
/IN
S0
S1
QB1
/QB1
QB0
/QB0
QA
/QA
/RESET
VT
VREF-AC
Divided
by
2, 4, 8
or 16
Decoder
/QB0
QB0
/QA
QA
QA@622MHz and QB@155.5MHz
÷4
622MHz
Output
155.5MHz
Output


Similar Part No. - SY89871UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89871U MICREL-SY89871U Datasheet
168Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/ FANOUT BUFFER WI/INTERNAL TERMINATION
More results

Similar Description - SY89871UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U_08 Datasheet
151Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89871U MICREL-SY89871U Datasheet
168Kb / 10P
   2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/ FANOUT BUFFER WI/INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com