Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89833LMG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89833LMG
Description  3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89833LMG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89833LMG Datasheet HTML 1Page - Micrel Semiconductor SY89833LMG Datasheet HTML 2Page - Micrel Semiconductor SY89833LMG Datasheet HTML 3Page - Micrel Semiconductor SY89833LMG Datasheet HTML 4Page - Micrel Semiconductor SY89833LMG Datasheet HTML 5Page - Micrel Semiconductor SY89833LMG Datasheet HTML 6Page - Micrel Semiconductor SY89833LMG Datasheet HTML 7Page - Micrel Semiconductor SY89833LMG Datasheet HTML 8Page - Micrel Semiconductor SY89833LMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Precision Edge®
SY89833L
Micrel Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
August 2007
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89833LMI
MLF-16
Industrial
833L
Sn-Pb
SY89833LMITR(2)
MLF-16
Industrial
833L
Sn-Pb
SY89833LMG(3)
MLF-16
Industrial
833L with Pb-Free
NiPdAu
bar line indicator
Pb-Free
SY89833LMGTR(2, 3)
MLF-16
Industrial
833L with Pb-Free
NiPdAu
bar line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
Pin Number
Pin Name
Pin Function
15, 16
Q0, /Q0
LVDS Differential (Outputs): Normally terminated with 100Ω across the pair (Q, /Q). See “LVDS
1, 2
Q1, /Q1
Outputs” section, Figure 2a. Unused outputs should be terminated with a 100Ω resistor across
3, 4
Q2, /Q2
each pair.
5, 6
Q3, /Q3
8EN
This single-ended TTL/CMOS-compatible input functions as a synchronous output enable. The
synchronous enable ensures that enable/disable will only occur when the outputs are in a logic
LOW state. Note that this input is internally connected to a 25kΩ pull-up resistor and will default
to logic HIGH state (enabled) if left open.
9, 12
/IN, IN
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs
accept AC- or DC-Coupled differential signs as small as 100mV. Each pin of a pair internally
terminates to a VT pin through 50Ω. Note that these inputs will default to an intermediate state if
left open. Pleae refer to the “Input Interface Applications” section for more details.
10
VREF–AC
Reference Voltage: These outputs bias to V
CC–1.4V. They are used when AC coupling the
inputs (IN, /IN). For AC-Coupled applications, connect VREF-AC to VT pin and bypass with
0.01µF low ESR capacitor to VCC. See “Input Interface Applications” section for more details.
Maximum sink/source current is ±1.5mA. Due to the limited drive capability, each VREF-AC pin
is only intended to drive its respective VT pin.
11
VT
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin. The
VT pins provide a center-tap to a termination network for maximum interface flexibility. See “Input
Interface Applications” section for more detaiils.
13
GND
Ground. GND pins and exposed pad must be connected to the most negative potential of the
device ground.
7, 14
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors and place as close to
each VCC pin as possible.
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
Q1
/Q1
Q2
/Q2
IN
VT
VREF-AC
/IN
16-Pin MLF® (MLF-16)
IN
/IN
EN
Q
/Q
0
110
1
1
011
0
XX
0
0(1)
1(1)
Note 1.
On next negative transition of the input signal (IN).
TRUTH TABLE


Similar Part No. - SY89833LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833LMG MICREL-SY89833LMG Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833LMGTR MICREL-SY89833LMGTR Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
More results

Similar Description - SY89833LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com