Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89831UMG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89831UMG
Description  UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89831UMG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89831UMG Datasheet HTML 1Page - Micrel Semiconductor SY89831UMG Datasheet HTML 2Page - Micrel Semiconductor SY89831UMG Datasheet HTML 3Page - Micrel Semiconductor SY89831UMG Datasheet HTML 4Page - Micrel Semiconductor SY89831UMG Datasheet HTML 5Page - Micrel Semiconductor SY89831UMG Datasheet HTML 6Page - Micrel Semiconductor SY89831UMG Datasheet HTML 7Page - Micrel Semiconductor SY89831UMG Datasheet HTML 8Page - Micrel Semiconductor SY89831UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY89831U
Micrel, Inc.
M9999-072210
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERINGINFORMATION
Ordering Information(1)
Package Operating
Package
Lead
PartNumber
Type
Range
Marking
Finish
SY89831UMI
MLF-16
Industrial
831U
Sn-Pb
SY89831UMITR(2)
MLF-16
Industrial
831U
Sn-Pb
SY89831UMG(3)
MLF-16
Industrial 831U with Pb-Free
NiPdAu
bar-line indicator
Pb-Free
SY89831UMGTR(2, 3) MLF-16
Industrial 831U with Pb-Free
NiPdAu
bar-line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals
only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
PinNumber
PinName
PinFunction
15, 16
Q0, /Q0
Differential 100K LVPECL Outputs: These LVPECL outputs are the precision, low skew copies
1, 2,
Q1, /Q1
of the inputs. Please refer to the “Truth Table” section for details. Unused output pairs may be
3, 4,
Q2, /Q2
left open. Terminate wtih 50ý to VCC–2V. See “Output Termination Recommendations” section
5, 6
Q3, /Q3
for more details.
8
EN
This single-ended TTL/CMOS-compatible input functions as a synchronous output enable. The
synchronous enable ensures that enable/disable will only occur when the outputs are in a logic
LOW state. Note that this input is internally connected to a 25ký pull-up resistor and will default
to logic HIGH state (enabled) if left open.
9, 12
/IN, IN
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs
accept AC- or DC-Coupled differential signs as small as 100mV. Each pin of a pair internally
terminates to a VT pin through 50ý. Note that these inputs will default to an intermediate state if
left open. Pleae refer to the “Input Interface Applications” section for more details.
10
VREF–AC
Reference Voltage: These outputs bias to VCC–1.4V. They are used when AC coupling the
inputs (IN, /IN). For AC-Coupled applications, connect VREF-AC to VT pin and bypass with
0.01µF low ESR capacitor to VCC. See “Input Interface Applications” section for more details.
Maximum sink/source current is ±1.5mA. Due to the limited drive capability, each VREF-AC pin
is only intended to drive its respective VT pin. If VREF-AC is used with a 2.5V supply, make
sure input swing is large enough to not violate VIH min. spec.
11
VT
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin. The
VTpinsprovideacenter-taptoaterminationnetworkformaximuminterfaceflexibility.See“Input
Interface Applications” section for more detaiils.
13
GND
Ground. GND pins and exposed pad must be connected to the most negative potential of the
device ground.
7, 14
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors and place as close to
each VCC pin as possible.
PIN DESCRIPTION
16-PinMLF®(MLF-16)
IN
/IN
EN
Q
/Q
0
1
1
0
1
1
0
1
1
0
X
X
0
0(1)
1(1)
Note:
1. On next negative transition of the input signal (IN).
TRUTHTABLE


Similar Part No. - SY89831UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89831UMG MICREL-SY89831UMG Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831UMG MICREL-SY89831UMG Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831UMGTR MICREL-SY89831UMGTR Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831UMGTR MICREL-SY89831UMGTR Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results

Similar Description - SY89831UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com