Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89809LTHTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89809LTHTR
Description  3.3V 1:9 High-Performance, Low-Voltage Bus Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89809LTHTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY89809LTHTR Datasheet HTML 1Page - Micrel Semiconductor SY89809LTHTR Datasheet HTML 2Page - Micrel Semiconductor SY89809LTHTR Datasheet HTML 3Page - Micrel Semiconductor SY89809LTHTR Datasheet HTML 4Page - Micrel Semiconductor SY89809LTHTR Datasheet HTML 5Page - Micrel Semiconductor SY89809LTHTR Datasheet HTML 6Page - Micrel Semiconductor SY89809LTHTR Datasheet HTML 7Page - Micrel Semiconductor SY89809LTHTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micrel, Inc.
SY89809L
December 2009
6
M9999-121409-D
hbwhelp@micrel.com or (408) 955-1690
Output Waveforms
Figure 1. 100MHz Output Waveform
Figure 2. 300MHz Output Waveform
Figure 4. Phase Noise Plot


Similar Part No. - SY89809LTHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89809LTHTR MICREL-SY89809LTHTR Datasheet
104Kb / 7P
   3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
More results

Similar Description - SY89809LTHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89809L MICREL-SY89809L Datasheet
78Kb / 4P
   3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89809L MICREL-SY89809L_05 Datasheet
104Kb / 7P
   3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89824L MICREL-SY89824L Datasheet
64Kb / 4P
   3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89824L MICREL-SY89824L_07 Datasheet
94Kb / 7P
   3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89825U MICREL-SY89825U_07 Datasheet
64Kb / 9P
   2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
SY89825U MICREL-SY89825U Datasheet
59Kb / 8P
   2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
Potato Semiconductor Co...
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com