Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89827L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89827L
Description  3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89827L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89827L_10 Datasheet HTML 3Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 4Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 5Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 6Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 7Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 8Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 9Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 10Page - Micrel Semiconductor SY89827L_10 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Precision Edge®
SY89827L
Micrel, Inc.
M9999-073010
hbwhelp@micrel.com or (408) 955-1690
VCCI = 3.3V ±5%, VCCO = 1.8V ±10%, TA = –40°C to +85°C, all outputs loaded, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Toggle Frequency
Note 2
500
MHz
tPD
Differential Propagation Delay
Note 3
1.0
1.3
1.5
ns
VPP
Minimum Input Swing,
Note4
HSTL
200
mV
PECL
150
mV
tSW
Switchover Time
CLK_SEL-to-Q
1.6
2.0
ns
SEL-to-Q
1.4
1.75
ns
tJITTER
RMSPhaseJitter
Output:622MHz
IntegrationRange:12kHz-20MHz
186
fs
tS(OE)
Output Enable Set-Up Time
Note 5
1.0
ns
tH(OE)
Output Enable Hold Time
Note 5
0.5
ns
tskew
Within Device Skew
Note6
0°C to +85°C
25
50
ps
–40°C
35
75
ps
Part-to-Part Skew
Note 7
400
ps
tr, tf
Output Rise/Fall Times
450
700
ps
(20% to 80%)
Note 1. Outputsloadedwith50Ω-t-ground.
Note 2. fMAXisdefinedasthemaximumtogglefrequency,measuredwitha750mVLVPECL/HSTLinput.HSTLoutputswingis>400mV.
Note 3. Differential propagation delay is defined as the delay from the crossing point of the differential input signals to the crossing point of the
differential output signals.
Note4. The VPP(min.)isdefinedastheminimuminputdifferentialvoltagewhichwillcausenoincreaseinthepropagationdelay.
Note 5. OEset-uptimeisdefinedwithrespecttotherisingedgeoftheclock.OEHIGH-to-LOWtransitionensuresoutputsremaindisabledduringthe
next clock cycle. OE LOW-to-HIGH transition enables normal operation of the next input clock.
Note6. Thewithin-deviceskewisdefinedastheworstcasedifferencebetweenanytwosimilardelaypathswithinasingledeviceoperatingatthe
same voltage and temperature. This parameters includes within bank skew and bank-to-bank skew.
Note 7. Thepart-to-partskewisdefinedastheabsoluteworstcasedifferencebetweenanytwodelaypathsonanytwodevicesoperatingatthesame
voltage and temperature.
AC ELECTRICAL CHARACTERISTICS(NOTE1)
PHASE NOISE
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
-200
10
100
1K
10K
100K
1M
10M
100M
OFFSETFREQUENCY(Hz)
PhaseNoisePlot:622MHz@3.3V
RMS Phase Jitter (Random)
12kHzto20MHz:186fs(Typical)


Similar Part No. - SY89827L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827LHI MICREL-SY89827LHI Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827LHITR MICREL-SY89827LHITR Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827LHY MICREL-SY89827LHY Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89827LHYTR MICREL-SY89827LHYTR Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
More results

Similar Description - SY89827L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89827L MICREL-SY89827L Datasheet
164Kb / 11P
   3.3V 500MHz DUAL 1:10 HSTL FANOUT BUFFER/TRANSLATOR WITH 2:1 MUX INPUT
SY89808L MICREL-SY89808L Datasheet
131Kb / 8P
   3.3V, 500MHz, 1:9 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89823L MICREL-SY89823L Datasheet
121Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89823L MICREL-SY89823L_08 Datasheet
123Kb / 8P
   3.3V, 500MHz 1:22 DIFFERENTIAL HSTL (1.5V) FANOUT BUFFER/TRANSLATOR
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
   3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
   3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89834U MICREL-SY89834U_05 Datasheet
114Kb / 10P
   2.5V/3.3V TWO INPUT, 1GHz LVTTL/CMOSTO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com