Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89610LMG Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89610LMG
Description  77.75MHz to 694MHz Jitter Attenuator and Low Phase Noise Frequency Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89610LMG Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89610LMG Datasheet HTML 6Page - Micrel Semiconductor SY89610LMG Datasheet HTML 7Page - Micrel Semiconductor SY89610LMG Datasheet HTML 8Page - Micrel Semiconductor SY89610LMG Datasheet HTML 9Page - Micrel Semiconductor SY89610LMG Datasheet HTML 10Page - Micrel Semiconductor SY89610LMG Datasheet HTML 11Page - Micrel Semiconductor SY89610LMG Datasheet HTML 12Page - Micrel Semiconductor SY89610LMG Datasheet HTML 13Page - Micrel Semiconductor SY89610LMG Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
SY89610L
July 2008
10
M9999-071008-D
hbwhelp@micrel.com or (408) 955-1690
Jitter Characteristics
(9)
VDDA, VDD =+3.3V ±10%, GND= 0V, RL = 100Ω across the outputs; Input tr/tf < 400ps; TA = –40°C to +85°C, unless
otherwise stated. Contact factory for 1kHz and 2kHz Loop Bandwidth Transfer Characteristics.
BW Setting: 1kHz, BW1:0 = 00
Symbol
Parameter
Condition
Min
Typ
Max
Units
12kHz to 20MHz
(Ideal ref input and supply)
1
2
JGen
CLKOUT RMS Jitter Generation
50kHz to 80MHz
(Ideal ref input and supply)
1
2
psRMS
JTOL
Jitter Tolerance
10
ns
FBW
Jitter Transfer Bandwidth
LBW = 1kHz
1000
Hz
JP
Jitter Peaking
<1kHz
0.1
dB
BW Setting: 2kHz, BW1:0 = 01
Symbol
Parameter
Condition
Min
Typ
Max
Units
JGen
CLKOUT RMS Jitter Generation
12kHz to 20MHz
(Ideal ref input and supply)
1
2
psRMS
50kHz to 80MHz
(Ideal ref input and supply)
1
2
JTOL
Jitter Tolerance
10
ns
FBW
Jitter Transfer Bandwidth
LBW = 2kHz
2000
Hz
JP
Jitter Peaking
<1kHz
0.1
dB
BW Setting: 5kHz, BW1:0 = 10
Symbol
Parameter
Condition
Min
Typ
Max
Units
JGen
CLKOUT RMS Jitter Generation
12kHz to 20MHz
(Ideal ref input and supply)
1
2
psRMS
50kHz to 80MHz
(Ideal ref input and supply)
1
2
JTOL
Jitter Tolerance
10
ns
FBW
Jitter Transfer Bandwidth
LBW = 5kHz
5000
Hz
JP
Jitter Peaking
<1kHz
0.1
dB
BW Setting: 10kHz, BW1:0 = 11
Symbol
Parameter
Condition
Min
Typ
Max
Units
JGen
CLKOUT RMS Jitter Generation
12kHz to 20MHz
(Ideal ref input and supply)
1
2
psRMS
50kHz to 80MHz
(Ideal ref input and supply)
1
2
JTOL
Jitter Tolerance
10
ns
FBW
Jitter Transfer Bandwidth
LBW = 10kHz
10,000
Hz
JP
Jitter Peaking
<1kHz
0.1
dB
Note:
9. 5k and 10k loop bandwidth settings are recommended due to better jitter performance with jitter bandwidth below 12K Hz. The use of 1k and
2k bandwidth settings may be acceptable in certain applications where jitter bandwidth is limited to above 12K Hz. Please contact the factory for
additional information.


Similar Part No. - SY89610LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89645L MICREL-SY89645L Datasheet
382Kb / 7P
   Precision Low Skew, 1-to-4 LVCMOS/LVTTLto-LVDS Fanout Buffer
SY89645L MICREL-SY89645L Datasheet
369Kb / 8P
   Precision Low Skew, 1-to-4
SY89645LK4G MICREL-SY89645LK4G Datasheet
382Kb / 7P
   Precision Low Skew, 1-to-4 LVCMOS/LVTTLto-LVDS Fanout Buffer
SY89645LK4GTR MICREL-SY89645LK4GTR Datasheet
382Kb / 7P
   Precision Low Skew, 1-to-4 LVCMOS/LVTTLto-LVDS Fanout Buffer
SY89645LK4GTR MICREL-SY89645LK4GTR Datasheet
369Kb / 8P
   Precision Low Skew, 1-to-4
More results

Similar Description - SY89610LMG

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS3500BL-100M BOWEI-MPS3500BL-100M Datasheet
115Kb / 1P
   Low phase noise fixed frequency synthesizer
logo
TXC Corporation.
BF-SERIES TXC-BF-SERIES Datasheet
966Kb / 1P
   Excellent low phase noise and jitter.
logo
Integrated Device Techn...
84330CI IDT-84330CI Datasheet
360Kb / 20P
   720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
84330CI RENESAS-84330CI Datasheet
557Kb / 21P
   720MHz, Low Jitter, Crystal-to-LVPECL Frequency Synthesizer
January 13, 2016
logo
Vectron International, ...
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
   Low Jitter VCSO Frequency Translator Jitter Attenuator
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4193 AD-ADF4193 Datasheet
590Kb / 28P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
REV. B
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
Integrated Circuit Syst...
ICS8430-111 ICST-ICS8430-111 Datasheet
183Kb / 16P
   700MHZ, LOW JITTER DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com