Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89533LHC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89533LHC
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89533LHC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89533LHC Datasheet HTML 1Page - Micrel Semiconductor SY89533LHC Datasheet HTML 2Page - Micrel Semiconductor SY89533LHC Datasheet HTML 3Page - Micrel Semiconductor SY89533LHC Datasheet HTML 4Page - Micrel Semiconductor SY89533LHC Datasheet HTML 5Page - Micrel Semiconductor SY89533LHC Datasheet HTML 6Page - Micrel Semiconductor SY89533LHC Datasheet HTML 7Page - Micrel Semiconductor SY89533LHC Datasheet HTML 8Page - Micrel Semiconductor SY89533LHC Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Precision Edge®
SY89532/33L
Micrel, Inc.
M9999-010808
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
All V
CC
V
CC Pin Potential to Ground Pin
–0.5 to +4.0
V
V
IN
Input Voltage (except XTAL 1,2 pins)
–0.5 to V
CCI
V
VXTAL 1,2
XTAL 1, 2 Input Voltage
(V
CC–1.9V) to VCC
V
I
OUT
DC Output Current
–LVPECL outputs
–50
mA
–LVDS outputs
±10
mA
TLEAD
Lead Temperature (soldering, 20sec.)
260
°C
T
store
Storage Temperature
–65 to +150
°C
θ
JA
Package Thermal Resistance (Junction-to-Ambient)
With Die attach soldered to GND:
–Still-Air (TQFP)
23
°C/W
–200lfpm (TQFP)
18
°C/W
–500lfpm (TQFP)
15
°C/W
With Die attach NOT soldered to GND:(2)
–Still-Air (TQFP)
44
°C/W
–200lfpm (TQFP)
36
°C/W
–500lfpm (TQFP)
30
°C/W
θ
JC
Package Thermal Resistance
4.3
°C/W
(Junction-to-Case)
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2. It is recommended that the user always solder the exposed die pad to a ground plane for enhanced heat dissipation.
ABSOLUTE MAXIMUM RATINGS(1)
DC ELECTRICAL CHARACTERISTICS
TA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCCA
(1)
PLL and Logic Supply Voltage
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
V
VCC_LOGIC
VCCOA/C
Bank A and C VCC Output
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
V
VCCOB
Bank B VCC Output
LVPECL/LVDS
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
V
ICC
Total Supply Current(2)
260
225
260
260
mA
SY89533L LVDS
275
330
285
330
300
330
mA
Power Supply
Notes:
1. V
CCA, VCC_LOGIC, VCCOA/C. VCCOB are not internally connected together inside the device. They must be connected together on the PCB.
2. No load. Outputs floating, Banks A, B, and C enabled.


Similar Part No. - SY89533LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89533LHC MICREL-SY89533LHC Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89533LHCTR MICREL-SY89533LHCTR Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89533LHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
SY89538L MICREL-SY89538L_08 Datasheet
636Kb / 23P
   3.3V, Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer
SY89537L MICREL-SY89537L Datasheet
826Kb / 19P
   3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com