Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89531L Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # SY89531L
Description  3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89531L Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button SY89531L_08 Datasheet HTML 8Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 9Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 10Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 11Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 12Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 13Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 14Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 15Page - Micrel Semiconductor SY89531L_08 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Precision Edge®
SY89531L
Micrel, Inc.
M9999-010808
hbwhelp@micrel.com or (408) 955-1690
R2
82
R2
82
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
Vt = VCC –2V
R1
130
R1
130
+3.3V
“Source”“Destination”
Figure 6. PECL Parallel Termination Thevenin Equivalent (Note 1)
ZO = 50Ω
ZO = 50Ω
50
50
50
+3.3V
+3.3V
“Source”“Destination”
Rb
C1 (optional)
0.01
µF
Figure 7. LVPECL Three-Resistor “Y-Termination” (Notes 1, 2, 3)
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
Source
Destination
50
50
Figure 8. HSTL Differential Termination (Note 1)
Note 1.
Place termination resistors as close to destination inputs as possible.
Note 2.
PECL Y-termination is a power-saving alternative to Thevenin termination.
Note 3.
R
b resistor sets the DC bias voltage, equal to Vt. For +3.3V systems Rb = 46Ω to 50Ω.
OUTPUT TERMINATION RECOMMENDATIONS


Similar Part No. - SY89531L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89531LHC MICREL-SY89531LHC Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531LHCTR MICREL-SY89531LHCTR Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531LHH MICREL-SY89531LHH Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531LHHTR MICREL-SY89531LHHTR Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
More results

Similar Description - SY89531L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89532L MICREL-SY89532L Datasheet
187Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L Datasheet
154Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L_08 Datasheet
111Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89534L MICREL-SY89534L Datasheet
105Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_05 Datasheet
103Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89536L MICREL-SY89536L_08 Datasheet
104Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89531L MICREL-SY89531L Datasheet
105Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER
SY89532L MICREL-SY89532L_08 Datasheet
189Kb / 15P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND LVDS BUS CLOCK SYNTHESIZER
SY898530U MICREL-SY898530U_11 Datasheet
315Kb / 12P
   500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
SY89537L MICREL-SY89537L_10 Datasheet
748Kb / 19P
   3.3V Precision LVPECL and LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com