Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89468UHY Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89468UHY
Description  Precision LVDS 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89468UHY Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89468UHY Datasheet HTML 1Page - Micrel Semiconductor SY89468UHY Datasheet HTML 2Page - Micrel Semiconductor SY89468UHY Datasheet HTML 3Page - Micrel Semiconductor SY89468UHY Datasheet HTML 4Page - Micrel Semiconductor SY89468UHY Datasheet HTML 5Page - Micrel Semiconductor SY89468UHY Datasheet HTML 6Page - Micrel Semiconductor SY89468UHY Datasheet HTML 7Page - Micrel Semiconductor SY89468UHY Datasheet HTML 8Page - Micrel Semiconductor SY89468UHY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
SY89468U
November 2008
M9999-110308-D
hbwhelp@micrel.com or (408) 955-1690
3
Pin Description
Pin Number
Pin Name
Pin Function
1, 16, 23, 33
41, 48, 58
VCC
Positive Power Supply: Bypass with 0.1µF||0.01µF low ESR capacitors as close to the VCC
pins as possible.
64, 63
62, 61
60, 59
57, 56
55, 54
53, 52
51, 50
47, 46
45, 44
43, 42
39, 38
37, 36
35, 34
31, 30
29, 28
27, 26
25, 24
22, 21
20, 19
18, 17
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
Q4, /Q4
Q5, /Q5
Q6, /Q6
Q7, /Q7
Q8, /Q8
Q9, /Q9
Q10, /Q10
Q11, /Q11
Q12, /Q12
Q13, /Q13
Q14, /Q14
Q15, /Q15
Q16, /Q16
Q17, /Q17
Q18, /Q18
Q19, /Q19
Differential Output Pairs: The output swing is typically 325mV. Used and unused outputs
must be terminated with 100Ω across the pair (Q, /Q). These differential LVDS outputs are a
logic function of the IN0, IN1, and SEL inputs. See “Truth Table” below.
4, 13
VREF-AC0
VREF-AC1
Reference Voltage: These outputs bias to VCC–1.2V. They are used for AC-coupling inputs
IN and /IN. Connect VREF-AC directly to the corresponding VT pin. Bypass with 0.01µF low
ESR capacitor to VCC. Due to limited drive capability, each VREF-AC pin is only intended to
drive its respective VT pin. Maximum sink/source current is ±0.5mA. See “Input Interface
Applications” subsection.
5, 12
VT0, VT1
Input Termination Center-Tap: Each side of a differential input pair terminates to the VT pin.
The VT pin provides a center-tap for each input (IN, /IN) to a termination network for
maximum interface flexibility. See “Input Interface Applications” subsection.
6, 7
10, 11
IN0, /IN0
IN1, /IN1
Differential Inputs: These input pairs are the differential signal inputs to the device. These
inputs accept AC- or DC-coupled signals as small as 100mV. The input pairs internally
terminate to a VT pin through 50Ω. Each input has level shifting resistors of 3.72kΩ to VCC.
This allows a wide input voltage range from VCC to GND. See Figure 3, Simplified
Differential Input Stage for details. Note that when these inputs are left in an open state, the
FSI feature will override this input state and provide a valid state at the output. See
“Functional Description” subsection.
2, 3, 14, 15,
32, 40, 49
GND,
Exposed Pad
Ground. Exposed pad must be connected to a ground plane that is the same potential as
the ground pins.
9
OE
Single-Ended Input: This TTL/CMOS input disables and enables the Q0-Q19 outputs. It is
internally connected to a 25kΩ pull-up resistor and will default to a logic HIGH state if left
open. When disabled, Q goes LOW and /Q goes HIGH. OE being synchronous, outputs will
be enabled/disabled following a rising and a falling edge of the input clock. VTH = VCC/2.
8
SEL
Single-Ended Input: This single-ended TTL/CMOS-compatible input selects the inputs to the
multiplexer. Note that this input is internally connected to a 25kΩ pull-up resistor and will
default to logic HIGH state if left open. VTH = VCC/2.
Truth Table
Inputs
Outputs
IN0
/IN0
IN1
/IN1
SEL
Q
/Q
0
1
X
X
0
0
1
1
0
X
X
0
1
0
X
X
0
1
1
0
1
X
X
1
0
1
1
0


Similar Part No. - SY89468UHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464U MICREL-SY89464U Datasheet
720Kb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt
SY89464UMG MICREL-SY89464UMG Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464UMGTR MICREL-SY89464UMGTR Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results

Similar Description - SY89468UHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89467U MICREL-SY89467U Datasheet
564Kb / 15P
   Precision LVPECL 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com