Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89467UHY Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89467UHY
Description  Precision LVPECL 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89467UHY Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89467UHY Datasheet HTML 6Page - Micrel Semiconductor SY89467UHY Datasheet HTML 7Page - Micrel Semiconductor SY89467UHY Datasheet HTML 8Page - Micrel Semiconductor SY89467UHY Datasheet HTML 9Page - Micrel Semiconductor SY89467UHY Datasheet HTML 10Page - Micrel Semiconductor SY89467UHY Datasheet HTML 11Page - Micrel Semiconductor SY89467UHY Datasheet HTML 12Page - Micrel Semiconductor SY89467UHY Datasheet HTML 13Page - Micrel Semiconductor SY89467UHY Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
SY89467U
April 2008
M9999-040808-C
hbwhelp@micrel.com or (408) 955-1690
10
Typical Operating Characteristics
VCC = 3.3V, GND = 0V, VIN = 200mV, RL = 50Ω to VCC–2V; TA = 25°C, unless otherwise stated.


Similar Part No. - SY89467UHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464U MICREL-SY89464U Datasheet
720Kb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt
SY89464UMG MICREL-SY89464UMG Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464UMGTR MICREL-SY89464UMGTR Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
More results

Similar Description - SY89467UHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89468U MICREL-SY89468U Datasheet
578Kb / 15P
   Precision LVDS 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58610U MICREL-SY58610U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com