Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89464 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89464
Description  Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89464 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89464 Datasheet HTML 2Page - Micrel Semiconductor SY89464 Datasheet HTML 3Page - Micrel Semiconductor SY89464 Datasheet HTML 4Page - Micrel Semiconductor SY89464 Datasheet HTML 5Page - Micrel Semiconductor SY89464 Datasheet HTML 6Page - Micrel Semiconductor SY89464 Datasheet HTML 7Page - Micrel Semiconductor SY89464 Datasheet HTML 8Page - Micrel Semiconductor SY89464 Datasheet HTML 9Page - Micrel Semiconductor SY89464 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel, Inc.
SY89464/465U Evaluation Board
July 2006
9
M9999-071106-C
hbwhelp@micrel.com or (408) 955-1690
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1-C17,
C19, C20
VJ0402Y104KXXAT
Vishay
(1)
0.1µF, 25V, 10% Ceramic Capacitor, Size 0402, X7R
Dielectric
19
C18
VJ0402Y474KXXAT
Vishay
(1)
0.47µF, 25V, 10% Ceramic Capacitor, Size 0402, X7R
Dielectric
1
C21, C22
293D106X0025C2T
Vishay
(1)
10µF, 20V, Tantalum Electrolytic Capacitor, Size C
2
J1
TSW-102-7-5-5
Samtec
(2)
0.1mil center through hole terminal strip
1
R1 – R8
CRCW04028250F
Vishay
(1)
82Ω, 1/16W, 5% Thick-film Resistor, Size 0402
8
R9, R10,
R12, R15
CRCW0402000F
Vishay
(1)
0Ω, 1/16W, Resistor SMD, Size 0402
4
R11, R14
CRCW04021002F
Vishay
(1)
10kΩ, 1/16W, Resistor SMD, Size 0402
2
R13, R16
CRCW040249R9F
Vishay
(1)
50Ω, 1/16W, Resistor SMD, Size 0402
2
P1
5005K-ND
Keystone
Electronics
(3)
Red Test Point
1
P2
5006K-ND
Keystone
Electronics
(3)
Black Test Point
1
P3
5009K-ND
Keystone
Electronics
(3)
Yellow Test Point
1
SMA1-
SMA14
142-0701-851
Johnson-
Components
(4)
Jack Assembly End Launch SMA
14
SW1
TDA02
Digi-Key
(5)
Dip Switch
1
U1
SY89464U
Micrel
(6)
Precision LVPECL Runt Pulse Eliminator 1:2 Fanout
Buffer with 2:1 MUX and Internal Termination
1
U1
SY89465U
Micrel
(6)
Precision LVDS Runt Pulse Eliminator 1:2 Fanout
Buffer with 2:1 MUX and Internal Termination
1
Additional Components for DC-Coupled Boards
Item
Part Number
Manufacturer
Description
Qty.
C1-C12
CRCW0402000F
Vishay
(1)
0Ω, 1/16W, Resistor SMD, Size 0402
12
Notes:
1. Vishay: www.vishay.com.
2. Semtec: www.samtec.com.
3. Keystone Electronics: www.keyelco.com.
4. Johnson Components: www.johnsoncomponents.com.
5. Digi-Key: www.digikey.com.
6. Micrel, Inc.: www.micrel.com.


Similar Part No. - SY89464

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464U MICREL-SY89464U Datasheet
720Kb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt
SY89464UMG MICREL-SY89464UMG Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464UMGTR MICREL-SY89464UMGTR Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89464UMYTR MICREL-SY89464UMYTR Datasheet
720Kb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt
More results

Similar Description - SY89464

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89837U MICREL-SY89837U_10 Datasheet
1Mb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89464U MICREL-SY89464U Datasheet
1Mb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465U MICREL-SY89465U Datasheet
2Mb / 19P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89465U MICREL-SY89465U_10 Datasheet
771Kb / 20P
   Precision LVDS 1:10 Fanout with 2:1 Runt Pulse Eliminator MUX and Internal Termination
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com