Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89231UMGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89231UMGTR
Description  3.2GHz Precision, LVDS 첨3, 첨5 Clock Divider
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89231UMGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89231UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89231UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SY89231U
3.2GHz Precision, LVDS ÷3, ÷5 Clock Divider
Precision Edge is a registered trademark of Micrel, Inc.
.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2007
M9999-110507-A
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY89231U is a precision, low jitter 3.2GHz
÷3,
÷5 clock divider with a LVDS output. The differential
input
includes
Micrel’s
unique,
3-pin
internal
termination architecture that allows the input to
interface to any differential signal (AC- or DC-
coupled) as small as 100mV (200mVPP) without any
level shifting or termination resistor networks in the
signal
path.
The
outputs
are
325mV,
100K-
compatible LVDS with fast rise/fall times guaranteed
to be less than 200ps.
The SY89231U operates from a 2.5V ±5% supply
and
is
guaranteed
over
the
full
industrial
temperature
range
of
–40°C
to
+85°C.
The
SY89231U is part of Micrel’s high-speed, Precision
Edge
® product line.
All support documentation can be found on Micrel’s
web site at: www.micrel.com.
Block Diagram
Precision Edge
®
Features
• Accepts a high-speed input and provides a precision
÷3 and ÷5 sub-rate, LVDS output
• Guaranteed AC performance over temperature and
supply voltage:
DC-to >3.2GHz throughput
– <810ps Propagation Delay (In-to-Q)
– <200ps Rise/Fall times
• Ultra-low jitter design:
– <1psRMS random jitter
– <1psRMS cycle-to-cycle jitter
– <10psPP total jitter (clock)
– <0.7psRMS MUX crosstalk induced jitter
• Unique patented internal termination and VT pin
accepts DC- and AC-coupled inputs (CML, PECL,
LVDS)
• Wide input voltage range V
CC to GND
• 325mV LVDS output
• 45% to 55% Duty Cycle (÷ 3)
• 47% to 53% Duty Cycle (÷ 5)
• 2.5V ±5% supply voltage
• -40°C to +85°C industrial temperature range
• Available in 16-pin (3mm x 3mm) QFN package
Applications
• Fail-safe clock protection
Markets
• LAN/WAN
• Enterprise servers
• ATE
• Test and measurement


Similar Part No. - SY89231UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89231U MICREL-SY89231U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
More results

Similar Description - SY89231UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89230U MICREL-SY89230U Datasheet
465Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U_10 Datasheet
551Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89229U MICREL-SY89229U Datasheet
516Kb / 16P
   1GHz Precision, LVDS 첨3, 첨5 Clock Divider with Fail Safe Input and Internal Termination
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
logo
Renesas Technology Corp
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com