Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66562A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC66562A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66562A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC66562A Datasheet HTML 5Page - Sanyo Semicon Device LC66562A Datasheet HTML 6Page - Sanyo Semicon Device LC66562A Datasheet HTML 7Page - Sanyo Semicon Device LC66562A Datasheet HTML 8Page - Sanyo Semicon Device LC66562A Datasheet HTML 9Page - Sanyo Semicon Device LC66562A Datasheet HTML 10Page - Sanyo Semicon Device LC66562A Datasheet HTML 11Page - Sanyo Semicon Device LC66562A Datasheet HTML 12Page - Sanyo Semicon Device LC66562A Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
No. 5996-10/13
LC662104A, 662106A, 662108A
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V, VDD = 3.0 to 5.5 V, unless otherwise specified.
Note: 1. Applies to pins with open-drain specifications. However, VIH2 is applied to the P33/HOLD pin.
When ports P2 and P3 have CMOS output specifications they cannot be used as input pins.
2. Applies to pins with open-drain specifications.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Note
Operating supply voltage
VDD
VDD
3.0
5.5
V
Memory retention supply voltage
VDDH
VDD: During hold mode
1.8
5.5
V
VIH1
P2, P3 (except for the P33/HOLD pin),
0.8 VDD
13.5
V
1
P4, P51, and P53: N-channel output transistor off
Input high-level voltage
VIH2
P33/HOLD, RES, OSC1:
0.8 VDD
VDD
V
N-channel output transistor off
VIH3
P0, P1, P50, P52:
0.8 VDD
VDD
V
N-channel output transistor off
VIL1
P2, P3 (except for the P33/HOLD pin),
VSS
0.2 VDD
V
2
RES, and OSC1: N-channel output transistor off
Input low-level voltage
VIL2
P33/HOLD: VDD = 1.8 to 5.5 V
VSS
0.2 VDD
V
VIL3
P0, P1, P4, P5, TEST:
VSS
0.2 VDD
V
N-channel output transistor off
Operating frequency
fop
0.4
4.20
MHz
(instruction cycle time)
(Tcyc)
(10)
(0.95)
(µs)
[External clock input conditions]
Frequency
fext
0.4
4.20
MHz
OSC1: Defined by Figure 1. Input the clock
Pulse width
textH, textL
signal to OSC1 and leave OSC2 open.
100
ns
(External clock input must be selected as the
oscillator circuit option.)
Rise and fall times
textR, textF
30
ns


Similar Part No. - LC66562A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66562A SANYO-LC66562A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66562A SANYO-LC66562A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66562A SANYO-LC66562A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66562A SANYO-LC66562A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562A SANYO-LC66562A Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66562A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com