Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87724LHEY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY87724LHEY
Description  3.3V AnyRate MUX/DEMUX Up to 2.7GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87724LHEY Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY87724LHEY Datasheet HTML 1Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 2Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 3Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 4Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 5Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 6Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 7Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 8Page - Micrel Semiconductor SY87724LHEY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SY87724L
3.3V AnyRate
® MUX/DEMUX Up to 2.7GHz
AnyRate and AnyClock are registered trademarks of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
March 2008
M9999-032608-B
hbwhelp@micrel.com or (408) 955-1690
General Description
The SY87724L is a complete serial data multiplexer and
demultiplexer, capable of operating at up to 2.7GHz. The
device provides for muxing and demuxing to 4, 5, 8, or 10
bit wide buses.
The SY87724L can accept a synchronous code group or
octet boundary input, and uses this input for parallel data
alignment.
The
SY87724L
is
manufactured
in
Micrel’s
high
performance ASSET2™ silicon bipolar process.
Micrel provides a complete protocol transparent solution
with the AnyRate® SY87721L CDR/CMU SY87729L, and
the SY87724L integrated MUX/DEMUX.
Datasheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Protocol transparent MUX/DEMUX operation up to
2.7GHz
• Programmable to 4, 5, 8, or 10 bit parallel interfaces
• Differential clock and serial inputs/outputs
• Easily controlled by framer logic
• Synchronous frame boundary indication
• HSPC (High Speed PECL-Compatible) inputs and
outputs
• 3.3V power supply
• Available in 80-pin EPAD-TQFP
Applications
• OC-3, OC-12, OC-48, ATM, InfiniBand
• Gigabit Ethernet
• Fibre Channel, 2X Fibre Channel
• SMPTE-259 and 292
• Proprietary optical transport
• ITU G. 975 Solutions
___________________________________________________________________________________________________________
System Block Diagram


Similar Part No. - SY87724LHEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724LH1 MICREL-SY87724LH1 Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHI MICREL-SY87724LHI Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHY MICREL-SY87724LHY Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
More results

Similar Description - SY87724LHEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com