Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87724LHEI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY87724LHEI
Description  3.3V AnyRate MUX/DEMUX Up to 2.7GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87724LHEI Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY87724LHEI Datasheet HTML 1Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 2Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 3Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 4Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 5Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 6Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 7Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 8Page - Micrel Semiconductor SY87724LHEI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
SY87724L
March 2008
2
M9999-032608-B
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Package
Type
Operating Range
Package Marking
Lead
Finish
Status
SY87724LHEI
H80-2
Industrial
SY87724LHEI
Sn-Pb
Active
SY87724LHEY
H80-2
Industrial
SY87724LHEY with
Pb-Free bar line indicator
Matte-Sn
Pb-Free
Active
SY87724LHI
H80-1
Industrial
SY87724LHI
Sn-Pb
Discontinued
SY87724LHY
H80-1
Industrial
SY87724LHY with
Pb-Free bar line indicator
Matte-Sn
Pb-Free
Discontinued
SY87724LHG
H80-1
Industrial
SY87724LHG with
Pb-Free bar line indicator
NiPdAu
Pb-Free
Discontinued
Note:
1. Other Voltage available. Contact Micrel for details.
Pin Configuration
80-Pin EPAD-TQFP (H80-2)


Similar Part No. - SY87724LHEI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724LH1 MICREL-SY87724LH1 Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHI MICREL-SY87724LHI Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LHY MICREL-SY87724LHY Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
More results

Similar Description - SY87724LHEI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L_06 Datasheet
99Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com